Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1706-82 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1706-82
Description  VID Voltage Programmer for Intel VRM9.0/9.1
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706-82 Datasheet(HTML) 6 Page - Linear Technology

  LTC1706-82 Datasheet HTML 1Page - Linear Technology LTC1706-82 Datasheet HTML 2Page - Linear Technology LTC1706-82 Datasheet HTML 3Page - Linear Technology LTC1706-82 Datasheet HTML 4Page - Linear Technology LTC1706-82 Datasheet HTML 5Page - Linear Technology LTC1706-82 Datasheet HTML 6Page - Linear Technology LTC1706-82 Datasheet HTML 7Page - Linear Technology LTC1706-82 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1706-82
6
170682fa
Each VID input pin is pulled up by a 40k resistor in series
with a diode connected to VCC. Therefore, it should be
grounded (or driven low) to produce a digital low input. It
can be either floated or connected to VCC to get a digital high
input. The series diode is included to prevent the input from
being damaged or clamped when it is driven higher than VCC.
Voltage Sensing and Feedback Pins
The FB pin is a high impedance node that requires mini-
mum layout distance to reduce extra loading and un-
wanted stray pickup.
When used with the LTC1629, the LTC1706-82’s FB,
SENSE, VCC and GND pins should be connected, respec-
tively, with the EAIN, VDIFFOUT, INTVCC, and SGND pins of
the LTC1629. The result of this application is a precisely
controlled, multiphase, variable output voltage supply to
any low voltage, high current system such as a powerful
personal computer, workstation or network server. True
remote sense capability of the LTC1629 is also retained in
this case.
VID Input Characteristics
The VID inputs should be driven with a maximum VIL of
0.4V and a minimum VIH of 1.6V. However, the VID input
range is not limited to values less than VCC. Because of the
internal diode between VCC and the pull-up resistor, the
inputs can go higher than VCC without being clamped to
VCC or damaging the input.
This allows the LTC1706-82 to be fully logic compatible
and operational over a higher input voltage range (less
than the 7V absolute maximum rating).
When a VID input is grounded, there will be a higher
quiescent current flow from Vcc because of a resistor from
Vcc through a series diode to each one of the VID inputs.
This increase in quiescent current is calculated from
IQ = N(VCC – VDIODE)/RPULLUP
N is the number of grounded VID inputs. VDIODE is typically
0.6V while RPULLUP has a typical pullup resistance of 40k.
In other words, each VID input has a typical pull up current
of (VCC – 0.6)/40K, which is approximately 68µA for a 3.3V
system.
OPERATIO
Table 1. VID Inputs and Corresponding Output Voltage
CODE
VID4
VID3
VID2
VID1
VID0
OUTPUT
00000
GND
GND
GND
GND
GND
1.850
00001
GND
GND
GND
GND
Float
1.825
00010
GND
GND
GND
Float
GND
1.800
00011
GND
GND
GND
Float
Float
1.775V
00100
GND
GND
Float
GND
GND
1.750V
00101
GND
GND
Float
GND
Float
1.725V
00110
GND
GND
Float
Float
GND
1.700V
00111
GND
GND
Float
Float
Float
1.675V
01000
GND
Float
GND
GND
GND
1.650V
01001
GND
Float
GND
GND
Float
1.625V
01010
GND
Float
GND
Float
GND
1.600V
01011
GND
Float
GND
Float
Float
1.575V
01100
GND
Float
Float
GND
GND
1.550V
01101
GND
Float
Float
GND
Float
1.525V
01110
GND
Float
Float
Float
GND
1.500V
01111
GND
Float
Float
Float
Float
1.475V
10000
Float
GND
GND
GND
GND
1.450V
10001
Float
GND
GND
GND
Float
1.425V
10010
Float
GND
GND
Float
GND
1.400V
10011
Float
GND
GND
Float
Float
1.375V
10100
Float
GND
Float
GND
GND
1.350V
10101
Float
GND
Float
GND
Float
1.325V
10110
Float
GND
Float
Float
GND
1.300V
10111
Float
GND
Float
Float
Float
1.275V
11000
Float
Float
GND
GND
GND
1.250V
11001
Float
Float
GND
GND
Float
1.225V
11010
Float
Float
GND
Float
GND
1.200V
11011
Float
Float
GND
Float
Float
1.175V
11100
Float
Float
Float
GND
GND
1.150V
11101
Float
Float
Float
GND
Float
1.125V
11110
Float
Float
Float
Float
GND
1.100V
11111
Float
Float
Float
Float
Float
NO_CPU
(1.075V)


Similar Part No. - LTC1706-82

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
More results

Similar Description - LTC1706-82

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-63 LINER-LTC1706-63_15 Datasheet
174Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
LTC1706-81 LINER-LTC1706-81 Datasheet
148Kb / 8P
   5-Bit Desktop VID Voltage Programmer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com