Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1708-PG Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1708-PG
Description  Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1708-PG Datasheet(HTML) 4 Page - Linear Technology

  LTC1708-PG Datasheet HTML 1Page - Linear Technology LTC1708-PG Datasheet HTML 2Page - Linear Technology LTC1708-PG Datasheet HTML 3Page - Linear Technology LTC1708-PG Datasheet HTML 4Page - Linear Technology LTC1708-PG Datasheet HTML 5Page - Linear Technology LTC1708-PG Datasheet HTML 6Page - Linear Technology LTC1708-PG Datasheet HTML 7Page - Linear Technology LTC1708-PG Datasheet HTML 8Page - Linear Technology LTC1708-PG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LTC1708-PG
1708f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1708EG-PG is guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1708EG-PG: TJ = TA + (PD • 85°C/W)
Note 4: The LTC1708-PG is tested in a feedback loop that servos VITH1, 2
to a specified voltage and measures the resultant EAIN1, 2.
Note 5: The supply current is higher due to the gate charge being delivered
at the switching frequency. See Applications Information.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Output Current
and Mode (Figure 13)
OUTPUT CURRENT (A)
0.1
0
20
30
40
50
60
70
1
10
15A
1708 G01
80
90
100
10
100
Burst Mode
OPERATION
CONSTANT FREQUENCY
MODE
PWM MODE
VIN = 15V
VOUT1 = OFF
VOUT2 = 1.6V
OUTPUT CURRENT (A)
0.01
40
60
100
1708 G02
20
0
0.1
1
10
100
80
30
50
15A
10
90
70
VIN = 10V
VIN = 15V
VIN = 5V
VFCB = OPEN
VOUT1 = OFF
VOUT2 = 1.6V
VIN = 20V
EXTVCC = 0V
INPUT VOLTAGE (V)
510
70
80
1708 G03
60
50
15
20
25
28
100
90
VOUT1 = OFF
VOUT2 = 1.6V
EXTVCC = 0V
IOUT = 7A
IOUT = 12A
Efficiency vs Output Current
(Figure 13)
Efficiency vs Input Voltage
(Figure 13)
Note 6: The minimum on-time condition corresponds to the on inductor
peak-to-peak ripple current
≥40% of IMAX (see minimum on-time
considerations in the Applications Information section).
Note 7: VFREQSET pin internally tied to 1.19V reference through a large
resistance.
Note 8: With all five VID inputs floating (or tied to VIDVCC) the VIDVCC
current is typically < 1
µA. However, the VIDVCC current will rise and be
approximately equal to the number of grounded VID input pins times
(VIDVCC – 0.6V)/40k. (See the Applications Information section.)
Note 9: Each built-in pull-up resistor attached to the VID inputs also has a
series diode to allow input voltages higher than the VIDVCC supply without
damage or clamping. (See Applications Information section.)
Note 10: Rise and fall times are measured at 20% to 80% levels. Delay
and nonoverlap times are measured using 50% levels.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VID Parameters
VIDVCC
VID Operating Supply Voltage
2.7
5.5
V
IVIDVCC
VID Supply Current
VIDVCC = 3.3V (Note 8)
0.01
5
µA
RFBOUT1/SENSE1 Resistance Between ATTNIN/ATTNOUT
10
5
k
RRATIO
Resistor Ratio Accuracy
Programmed from 0.925V to 2.00V
–0.35
0.25
%
RPULL-UP
VID0 to VID4 Pull-Up Resistance
(Note 9) VDIODE = 0.7V
40
k
VIDT
VID Voltage Threshold
0.4
1.0
1.6
V
IVIDLEAK
VID Input Leakage Current
(Note 9) VIDVCC < VIDVCC < 7V
0.1
1
µA
VPULL-UP
VID Pull-Up Voltage
VIDVCC = 3V
2.5
2.8
3.1
V


Similar Part No. - LTC1708-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1708-PG LINER-LTC1708-PG Datasheet
358Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck Regulator Controller
LTC1708-PG LINER-LTC1708-PG Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1708-PG LINER-LTC1708-PG Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1708-PG LINER-LTC1708-PG_15 Datasheet
340Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
More results

Similar Description - LTC1708-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1708-PG LINER-LTC1708-PG_15 Datasheet
340Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
LTC1708-PG LINER-LTC1708-PG Datasheet
358Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck Regulator Controller
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_1 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com