Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1726EMS8-2.5 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1726EMS8-2.5
Description  Triple Supply Monitor andSupervisor with Adjustable Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1726EMS8-2.5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1726EMS8-2.5 Datasheet HTML 4Page - Linear Technology LTC1726EMS8-2.5 Datasheet HTML 5Page - Linear Technology LTC1726EMS8-2.5 Datasheet HTML 6Page - Linear Technology LTC1726EMS8-2.5 Datasheet HTML 7Page - Linear Technology LTC1726EMS8-2.5 Datasheet HTML 8Page - Linear Technology LTC1726EMS8-2.5 Datasheet HTML 9Page - Linear Technology LTC1726EMS8-2.5 Datasheet HTML 10Page - Linear Technology LTC1726EMS8-2.5 Datasheet HTML 11Page - Linear Technology LTC1726EMS8-2.5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1726
1726fb
Disabling the Watchdog Timer
1
2
3
4
8
7
6
5
VCC3
VCCA
GND
RT
WT
RST
WDI
LTC1726-5/2.5
3.3V
SYSTEM
RESET
*TO PRESERVE THRESHOLD ACCURACY, SET PARALLEL
COMBINATION OF R1 AND R2
≤ 66.5k
THE WATCHDOG TIMER CAN BE DISABLED BY CONNECTING
THE WDI AND WT PINS TO GROUND. THE PART WILL ACT
STRICTLY AS A TRIPLE SUPPLY MONITOR WITH AN
ADJUSTABLE RESET TIME-OUT PERIOD
CRT
5V/2.5V
R2*
R1*
1726 TA03
ADJUSTABLE
SUPPLY
VCC5/
VCC25
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
RT
WT
RST
WDI
LTC1726-5
3.3V
SYSTEM RESET
*TO PRESERVE THRESHOLD ACCURACY, SET PARALLEL
COMBINATION OF R1 AND R2
≤ 66.5k
CRT
CWT
WDI
5V
R2*
R1*
1726 TA04
ADJUSTABLE SUPPLY
OR DC/DC FEEDBACK
DIVIDER
Triple Supply Monitor (3.3V, 5V and Adjustable)
Dual Supply Monitor (3.3V and 5V, Defeat VCCA Input)
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
RT
WT
RST
WDI
LTC1726-5
3.3V
SYSTEM RESET
WDI
5V
1726 TA05
CRT
CWT
TYPICAL APPLICATIO S
APPLICATIO S I FOR ATIO
Selecting the Reset and Watchdog
Time-Out Capacitors
The reset time-out period is adjustable in order to accom-
modate a variety of
µP applications. The reset time-out
period, tRT, is adjusted by connecting a capacitor, CRT,
between the RT pin and ground. The value of this capacitor
is determined as follows:
CRT = tRT/3.30
with CRT in pF and tRT in µs (i.e., 1500pF ⇒ 4.95ms). The
capacitor should be a low leakage type. A ceramic capacitor
is recommended.
The watchdog period is also adjustable so that the watch-
dog time-out period can be optimized for software execu-
tion. The watchdog time-out period, tWT, is adjusted by
connecting a capacitor, CWT, between the WT pin and
ground. Once the optimum watchdog time-out period (tWT)
is determined, the value of the capacitor is calculated as
follows:
CWT = tWT/21.8
with CWT in pF and tWT in µs (i.e., 1500pF ⇒ 32.7ms). The
capacitor should be a low leakage type. A ceramic capacitor
is recommended.


Similar Part No. - LTC1726EMS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726EMS8-2.5 LINER-LTC1726EMS8-2.5 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
More results

Similar Description - LTC1726EMS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com