Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1729CMS8-8.4 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1729CMS8-8.4
Description  Li-Ion Battery Charger Termination Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729CMS8-8.4 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1729CMS8-8.4 Datasheet HTML 7Page - Linear Technology LTC1729CMS8-8.4 Datasheet HTML 8Page - Linear Technology LTC1729CMS8-8.4 Datasheet HTML 9Page - Linear Technology LTC1729CMS8-8.4 Datasheet HTML 10Page - Linear Technology LTC1729CMS8-8.4 Datasheet HTML 11Page - Linear Technology LTC1729CMS8-8.4 Datasheet HTML 12Page - Linear Technology LTC1729CMS8-8.4 Datasheet HTML 13Page - Linear Technology LTC1729CMS8-8.4 Datasheet HTML 14Page - Linear Technology LTC1729CMS8-8.4 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1729 Series
APPLICATIO S I FOR ATIO
Figure 8. Terminate Charging at C/10
Figure 9. Modify C/10 Indication to Create Charging Indicator
OVP
BAT
SENSE
GND
OVP
BAT
SENSE
VCC
VC
STATUS
NTC
VC
VCC
1
2
3
4
8
7
6
5
LTC1729-4.2
1
µF
0.1
µF
1729 F08
10k NTC THERMISTOR
NTHS1206N02 VISHAY/DALE
200
100
µA
1729 F09
COMP1
LTC1729
SENSE
IBIAS
BAT
+
SENSE
RESISTOR
CHARGE
CURRENT
the NTC pin will float to 5V as soon as the Status pull-down
is open. This will force the state machine into the Hold
mode. The VC pin is pulled low which turns off the charger.
This circuit is shown in Figure 8.
In order to restart the charging process for a new battery,
the NTC pin will need to be momentarily brought below
0.2V or the VCC pin brought below the UVLO threshold.
The automatic battery detection features are disabled
during the Hold mode.
Using Status as a Charging Indicator
In many applications circuits shown in this data sheet, the
STATUS pin is used to indicate when C/10 has occurred
(charge current has dropped to 10% of the full charge
current). This C/10 number is not fixed, but is set by an
external resistor connected to the LTC1729 SENSE pin. A
100
µA bias current through this resistor develops a volt-
age which is compared with the voltage across the charge
current sense resistor. When these voltages are equal, the
open-drain STATUS pin turns off. Connecting an LED to
the STATUS pin will give a visual indication during the
precondition trickle charge and the portion of the main
charge before C/10 has occurred.
By reducing the LTC1729 SENSE pin resistor to 0
Ω, the
STATUS pin function can be changed to a
charging indica-
tor (Figure 9). The LED on the STATUS pin will always go
off after the 3-hour charge cycle is completed, regardless
of the C/10 circuitry.


Similar Part No. - LTC1729CMS8-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729CMS8-8.4 LINER-LTC1729CMS8-8.4 Datasheet
200Kb / 12P
   Li-Ion Battery Charger Termination Controllers
More results

Similar Description - LTC1729CMS8-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729_15 Datasheet
231Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729 Datasheet
200Kb / 12P
   Li-Ion Battery Charger Termination Controllers
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com