Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1731ES8-4.2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1731ES8-4.2
Description  Single Cell Lithium-Ion Linear Battery Charger Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1731ES8-4.2 Datasheet(HTML) 5 Page - Linear Technology

  LTC1731ES8-4.2 Datasheet HTML 1Page - Linear Technology LTC1731ES8-4.2 Datasheet HTML 2Page - Linear Technology LTC1731ES8-4.2 Datasheet HTML 3Page - Linear Technology LTC1731ES8-4.2 Datasheet HTML 4Page - Linear Technology LTC1731ES8-4.2 Datasheet HTML 5Page - Linear Technology LTC1731ES8-4.2 Datasheet HTML 6Page - Linear Technology LTC1731ES8-4.2 Datasheet HTML 7Page - Linear Technology LTC1731ES8-4.2 Datasheet HTML 8Page - Linear Technology LTC1731ES8-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1731-4.1/LTC1731-4.2
PIN FUNCTIONS
BAT (Pin 1): Battery Sense Input. A bypass capacitor of at
least 10
µF is required to keep the loop stable when the
battery is not connected. A precision internal resistor
divider sets the final float potential on this pin. The resistor
divider is disconnected in sleep mode.
CHRG (Pin 2): Open-Drain Charge Status Output. When
the battery is being charged, the CHRG pin is pulled low by
an internal N-channel MOSFET. When the charge current
drops to 10% of the full-scale current for at least 0.32
seconds, the N-channel MOSFET turns off and a 100
µA
current source is connected from the CHRG pin to GND.
When the timer runs out or the input supply is removed,
the current source will be disconnected and the CHRG pin
is forced into a high impedance state.
TIMER (Pin 3): Timer Capacitor and Constant-Voltage
Mode Disable Input Pin. The timer period is set by placing
a capacitor, CTIMER, to GND. The timer period is tTIMER =
(CTIMER • 3 hours)/(0.1µF). When the TIMER pin is
connected to VCC, the constant-voltage mode and the
timer are disabled, the chip will operate in constant-
current mode only. Short the TIMER pin to GND to disable
the internal timer function and the C/10 function.
GND (Pin 4): Ground Connection.
PROG (Pin 5): Charge Current Program and Shutdown
Input Pin. The charge current is programmed by connect-
ing a resistor, RPROG to ground. The charge current is IBAT
= (VPROG • 800Ω)/(RPROG • RSENSE). The IC can be forced
into shutdown by floating the PROG pin. An internal 2.5
µA
current source will pull the pin above the shutdown
threshold voltage when the program resistor (RPROG) is
disconnected.
DRV (Pin 6): Drive Output Pin for the P-Channel MOSFET
or PNP Transistor. The impedance is high at this pin,
therefore, a high beta PNP pass transistor should be used.
The DRV pin is internally clamped to 6.5V below VCC.
VCC (Pin 7): Positive Input Supply Voltage. When VBAT is
within 54mV of VCC, the LTC1731 is forced into sleep
mode, dropping ICC to 7µA. VCC ranges from 4.5V to 12V.
Bypass this pin with a 1
µF capacitor.
SENSE (Pin 8): Current Sense Input. A sense resistor,
RSENSE, must be connected from VCC to the SENSE pin.
This resistor is chosen using the following equation:
RSENSE = (VPROG • 800Ω)/(RPROG • IBAT)


Similar Part No. - LTC1731ES8-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731ES8-8.2 LINER-LTC1731ES8-8.2 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.2 LINER-LTC1731ES8-8.2 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1731ES8-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Analog Intergrations Co...
AIC1790 AIC-AIC1790 Datasheet
325Kb / 19P
   1 Cell Linear Lithium-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
National Semiconductor ...
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
   Single Cell Lithium-Ion Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com