Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI42 Datasheet(PDF) 1 Page - celduc-relais

Part # AI42
Description  REED SWITCH NORMALY OPEN, DRY CONTACT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

AI42 Datasheet(HTML) 1 Page - celduc-relais

  AI42 Datasheet HTML 1Page - celduc-relais AI42 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
I/SEC/AI42-001/A/14/01/2005
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
INTERRUPTEUR REED
REED SWITCH
NORMALEMENT OUVERT, CONTACT SEC
NORMALY OPEN, DRY CONTACT
Ø 2,54 max
Ø 0,6
15 max
46
AI42 . . . .
C
C A
A R
R A
A C
C T
T E
E R
R IIS
S T
T IIQ
Q U
U E
E S
S E
E L
L E
E C
C T
T R
R IIQ
Q U
U E
E S
S // E
E L
L E
E C
C T
T R
R IIC
C A
A L
L
D
D A
A T
T A
A S
S
Puissance maxi commutable / Max. switching power
10 W
Tension maxi commutable / Max. switching voltage
200 Vdc/140Vac
Courant maxi commutable / Max. switching current
0,5 A
Courant de travail / Carrying current
1,5 A
Tension typique de tenue / Typical dielectric strength
250 Vdc
Résistance de contact initiale ( max ) / Initial contact resistance
≤ 150 mΩ
Méthode de mesure / Test process
Résistance d'isolement ( min ) / Insulation resistance
106 M
Capacité / Capacitance
0,3 pF
Fréquence de résonnance / Resonant frequency
5500 Hz
Bobine / Coil : voir caractéristiques magnétiques
see magnetical datas
Mesure en 4 points / 4 points measurement
I = 10 mA ; U = 20 mV
Alimentation de bobine /Coil voltage: ATF + 20%
mesure de tension
voltage measurement
41 mm
r
e
l
a
i
s


Similar Part No. - AI42

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI4100 A1PROS-AI4100 Datasheet
1Mb / 18P
   CCD CDS/PGA/10b-20M-ADC
logo
celduc-relais
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI431530 CELDUC-AI431530 Datasheet
397Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
   REED SWITCH NORMALY OPEN, DRY CONTACT
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
More results

Similar Description - AI42

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI02 CELDUC-AI02 Datasheet
367Kb / 3P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
IA85 CELDUC-IA85 Datasheet
111Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AL44 CELDUC-AL44 Datasheet
80Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AD810XXXXX CELDUC-AD810XXXXX Datasheet
94Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI03 CELDUC-AI03 Datasheet
340Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
IA23 CELDUC-IA23 Datasheet
107Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com