Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT7301-S-T Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT7301-S-T
Description  2A 15V STEP-DOWN DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT7301-S-T Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT7301-S-T Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT7301-S-T Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT7301-S-T Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT7301-S-T Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT7301-S-T Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT7301-S-T Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT7301-S-T Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT7301-S-T Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT7301-S-T Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Advanced Analog Technology, Inc.
October 2007
台灣類比科技股份有限公司 –
Advanced Analog Technology, Inc. –
Version 1.00
Page 6 of 11
AAT7301
PIN DESCRIPTION
PIN NO.
NAME
I/O
FUNCTION
1
NC
-
Not Connected
2
VDD
I
Power Input
3
SW
I/O
Switching Node
4
GND
-
Ground
5
IN
I
Feedback Input
6
EO
I/O
Error Amplifier Compensation Output
7
ENC
I
Enable Control
8
NC
-
Not Connected
FUNCTION BLOCK DIAGRAM
AAT7301


Similar Part No. - AAT7301-S-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
logo
Advanced Analog Technol...
AAT7357 AAT-AAT7357 Datasheet
195Kb / 6P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
195Kb / 6P
   20V P-Channel Power MOSFET
AAT7357ITS-T1 ANALOGICTECH-AAT7357ITS-T1 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
logo
Advanced Analog Technol...
AAT7357ITS-T1 AAT-AAT7357ITS-T1 Datasheet
195Kb / 6P
   20V P-Channel Power MOSFET
More results

Similar Description - AAT7301-S-T

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
logo
BCD Semiconductor Manuf...
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
logo
Silan Microelectronics ...
SD46520 SILAN-SD46520 Datasheet
505Kb / 8P
   400KHZ 2A STEP-DOWN DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
   1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com