Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4430 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4430
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4430 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4430 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4430 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4430 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4430 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4430 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4430
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.8
2.5
V
ID(ON)
80
A
4.7
5.5
TJ=125°C
6.5
8
6.2
7.5
m
gFS
82
S
VSD
0.7
1
V
IS
4.5
A
Ciss
4660
6060
7270
pF
Coss
425
638
960
pF
Crss
240
355
530
pF
Rg
0.2
0.45
0.9
Qg(10V)
80
103
124
nC
Qg(4.5V)
37
48
58
nC
Qgs
18
nC
Qgd
15
nC
tD(on)
12
16
ns
tr
8
12
ns
tD(off)
51.5
70
ns
tf
8.8
14
ns
trr
33.5
44
ns
Qrr
22
30
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=18A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VGS=10V, ID=18A
Reverse Transfer Capacitance
IF=18A, dI/dt=100A/µs
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=30V, VGS=0V
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
m
VGS=4.5V, ID=15A
IS=1A,VGS=0V
VDS=5V, ID=18A
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.83Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=15V, ID=18A
A: The value of R θJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with
T A=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25°C. The SOA
curve provides a single pulse rating.
F. The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Rev5: Nov 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4430

ManufacturerPart #DatasheetDescription
logo
shenzhen wanhexing Elec...
AO4430 WHXPCB-AO4430 Datasheet
2Mb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4430 KEXIN-AO4430 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4430 VBSEMI-AO4430 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4430-HF KEXIN-AO4430-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4430A VBSEMI-AO4430A Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AO4430

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com