Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEC05103 Datasheet(PDF) 4 Page - celduc-relais

Part # SEC05103
Description  Support Interfaces E/S DIN rail adaptor for I/O modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SEC05103 Datasheet(HTML) 4 Page - celduc-relais

  SEC05103 Datasheet HTML 1Page - celduc-relais SEC05103 Datasheet HTML 2Page - celduc-relais SEC05103 Datasheet HTML 3Page - celduc-relais SEC05103 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
input interface :
power input
-->
plc with PNP
European plc
only if
Rplc >1000
S/ACC/EBS01000/C/29/08/2003
page 4/4 F/GB
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
celduc
r
e
l
a
i
s
www.celduc.com
+24VDC
0VDC
plc
SEA 24020 module
3
4
5
1
2
input interface :
power input
-->
plc with NPN
230Vac
USA plc
+24VDC
0VDC
plc
SEC 24xxx module
3
4
5
1
2
input interface :
power input
-->
plc with NPN
24VDC
USA plc
+
-
+
SEA 24020 module
3
4
5
1
2
230Vac
SEC 24xxx module
3
4
5
1
2
24VDC
+
-
+
+24VDC
0VDC
plc
R >
1000
Ve
>17V
input interface :
power input
-->
plc with PNP
European plc
only if
Rplc >1000
+24VDC
0VDC
plc
R >
1000
Ve
>17V
AC INPUT
DC INPUT
AC INPUT
DC INPUT


Similar Part No. - SEC05103

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SEC05103 CELDUC-SEC05103 Datasheet
426Kb / 2P
   DC SOLID STATE INPUT MODULE
More results

Similar Description - SEC05103

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
4512190 FIBOX-4512190 Datasheet
35Kb / 1P
   DIN rail support
26.07.2023
logo
PHOENIX CONTACT
2750798 PHOENIX-2750798 Datasheet
99Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2752411 PHOENIX-2752411 Datasheet
93Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2723453 PHOENIX-2723453 Datasheet
86Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2751218 PHOENIX-2751218 Datasheet
87Kb / 5P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2721662 PHOENIX-2721662 Datasheet
87Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com