Part Name
         Description
QBWIIBC

 wide-input intermediate bus converter ( 4 Page)


EMERSON-NETWORKPOWER
100% 
Zoom Out Zoom In
   
 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev.04.02.08
qbwiibc
4 of 4
BOTTOM VIEW
3
5
TOP VIEW
ELEVATION
CLEARANCE TO
UNDERSIDE COMPONENTS
0.01 (0.2) Min.
3 X PINS ø 0.04 (1.02)
WITH
ø 0.07 (1.83)
MOUNTING SHOULDER
2 X PINS
ø0.06 (1.57)
WITH
ø0.09 (2.38)
MOUNTING SHOULDER
0.15 (3.69)
2.15 (54.49)
2.30 (58.43)
1
2
4
0.19 (4.78)
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
x.xx
±0.02 (x.x ±0.5)
x.xxx
±0.010 (x.xx ±0.25)
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
Vin+
2Remote
3
Vin-
4
Vout+
5
Vout-
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
1  2  3  4 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
E48SB9R625Delphi Series E48SB 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin 9.6V/25A out 1 2 3 4 5 MoreDelta Electronics, Inc.
M62332P8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62333P8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62334P8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
Q48SB9R650NRFADelphi Series Q48SB 500W Bus Converter DC/DC Power Modules: 48V in 9.6V/55A out 1 2 3 4 5 MoreDelta Electronics, Inc.
M62332P_088-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
Q48SB10828NRFADelphi Series Q48SB 300W Bus Converter DC/DC Power Modules: 48V in 9.6V/31A out 1 2 3 4 5 MoreDelta Electronics, Inc.
M62333P_088-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62334P_088-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
PTQB425080200-W 48-V INPUT 8-V OUTPUT SEMI-REGULATED ISOLATED DC-DC BUS CONVERTER 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl