Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH03050YAZ Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTH03050YAZ
Description  DC-DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03050YAZ Datasheet(HTML) 2 Page - Emerson Network Power

  PTH03050YAZ Datasheet HTML 1Page - Emerson Network Power PTH03050YAZ Datasheet HTML 2Page - Emerson Network Power PTH03050YAZ Datasheet HTML 3Page - Emerson Network Power PTH03050YAZ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
File Name: PTHxx050Y.pdf Rev (02): 19 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Non-isolated DDR/QDR Memory Bus Termination Module
2
NEW Product
N
No
otte
es
s
1
Rating is conditional on the module being directly soldered to a 4 layer
PCB with 1 oz. copper. See the SOA curves or contact the factory for
appropriate derating. The PTH03050Y and PTH05050Y require no
derating up to 85 °C operating temperature and natural convection
airflow.
2
Up to 10 ms pulse period at 10% maximum duty.
3
This control pin has an internal pull-up to the input voltage Vin. If it is left
open-circuit the module will operate when input power is applied. A small
low-leakage (<100 nA) MOSFET is recommended for control. For further
information, consult Application Note 178.
4
An input capacitor is required for proper operation. The capacitor must
be rated for a minimum of 300 mA rms (750 mA rms for 12 V input) of
ripple current.
5
The typical value of external output capacitance value ensures that VTT
meets the specified transient performance requirements for the memory
bus terminations. Lower values of capacitance may be possible when the
measured peak change in output current is consistently less than 3 A.
Test conditions were 15 A/µs load step, -1.5 A to +1.5 A.
Part Number System with Options
PTHxx050Y
3.3/5/12 Vin Single Output
OUTPUT
INPUT
VTT
OUTPUT
OUTPUT
EFFICIENCY
MODEL
POWER
VOLTAGE
RANGE
CURRENT
CURRENT
(TYP.)
NUMBER
(9,10)
(MAX.)
(MIN.)
(MAX.)
10.8 W
2.95-3.65 Vdc
0.55-1.8Vdc
0 A
±6 A
88%
PTH03050Y
10.8 W
4.5-5.5 Vdc
0.55-1.8Vdc
0 A
±6 A
87%
PTH05050Y
10.8 W
10.8-13.2 Vdc
0.55-1.8Vdc
0 A
±6 A
84%
PTH12050Y
PTH05050Y AST
Product Family
Point of Load Alliance
Compatible
Output Current
05 = 6 A
Packaging Options
No Suffix = Trays
T = Tape and Reel (8)
Input Voltage
03 = 3.3 V, 05 = 5 V
and 12 = 12 V
Mechanical Package
Always 0
Pin Option
A = Through-Hole Std. Pin Length (0.140”)
A = Surface-Mount Tin/Lead Solder Ball
Output Voltage Code
Y = DDR Module
Mounting Option (9)
D = Horizontal Through-Hole (Matte Sn)
H = Horizontal Through-Hole (Sn/Pb)
S = Surface-Mount (63/37 Sn/Pb
pin solder material)
Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu
pin solder material)
6
This is the calculated maximum. The minimum ESR limitation will often
result in a lower value. Consult Application Note 178 for further details.
7
This is the typical ESR for all the electrolytic (non-ceramic) output
capacitance. Use 7 m
as the minimum when using max ESR values to
calculate.
8
Tape and reel packaging only available on the surface-mount versions.
9
To order Pb-free (RoHS compatible) surface-mount parts replace the
mounting option ‘S’ with ‘Z’, e.g. PTHxx050YAZ. To order Pb-free (RoHS
compatible) through-hole parts replace the mounting option ‘H’ with ‘D’,
e.g. PTHxx050YAD.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No. US/8292/UL


Similar Part No. - PTH03050YAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03050Y TI-PTH03050Y Datasheet
267Kb / 7P
[Old version datasheet]   6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
logo
Artesyn Technologies
PTH03050Y ARTESYN-PTH03050Y Datasheet
220Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Emerson Network Power
PTH03050Y EMERSON-NETWORKPOWER-PTH03050Y Datasheet
580Kb / 5P
   3.3/5/12 Vin
PTH03050Y EMERSON-NETWORKPOWER-PTH03050Y Datasheet
580Kb / 5P
   PTHxx050Y 3.3/5/12 Vin
PTH03050Y EMERSON-NETWORKPOWER-PTH03050Y_09 Datasheet
580Kb / 5P
   PTHxx050Y 3.3/5/12 Vin
More results

Similar Description - PTH03050YAZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com