Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQS50A48-1V5J Datasheet(PDF) 1 Page - Emerson Network Power

Part # LQS50A48-1V5J
Description  High Current, High Efficiency, Low Profile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LQS50A48-1V5J Datasheet(HTML) 1 Page - Emerson Network Power

  LQS50A48-1V5J Datasheet HTML 1Page - Emerson Network Power LQS50A48-1V5J Datasheet HTML 2Page - Emerson Network Power LQS50A48-1V5J Datasheet HTML 3Page - Emerson Network Power LQS50A48-1V5J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
High Current, High Efficiency, Low Profile
1
2 YEAR WARRANTY
NEW Product
All specifications are typical at nominal input, full load at 25 °C ambient unless otherwise stated
SPECIFICATIONS
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
Quarter-Brick Series
Single output
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E135734/60950
VDE Certificate No. 10401-3336-0197
EMC CHARACTERISTICS
Immunity:
ESD air enclosure
EN61000-4-2 8 kV/6 kV(O/P within spec.)
Radiated field enclosure
EN61000-4-3 10 V/m (O/P within spec.)
Conducted
EN61000-4-6 10 V
(O/P within spec.)
Input transients
100 V, 100 ms
GENERAL SPECIFICATIONS
Basic insulation
Input/output
2250 Vdc
Switching frequency
Fixed
480 kHz
Approvals and
(See Note 3)
EN60950-1 VDE
standards
UL/cUL 60950
Material flammability
UL94V-0
Weight
37 g (1.30 oz)
MTBF
Telcordia Tech SR-332 3,866,933 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 °C to +85 °C
temperature
Non-operating
-55 °C to +125 °C
PROTECTION
Short-circuit
Continuous
Overvoltage
Non-latching
Thermal
125 ºC hot spot temperature
with automatic recovery
Patent No. 6,765,810
Other Patents Pending
OUTPUT SPECIFICATIONS
Voltage adjustability
80% to 110%
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
None
Transient response
70 mV,
(See Note 1)
typ. deviation
20 µs recovery
INPUT SPECIFICATIONS
Input voltage range
24 V nominal
18-36 Vdc
48 V nominal
36-75 Vdc
Input current
No load
85 mA to 150 mA
Remote OFF
5 mA
Active high remote ON/OFF
Logic compatibility
Open collector ref to -input
ON
Open circuit or >2.4 Vdc
OFF
<0.4 Vdc
Undervoltage lockout
Power up
35.5 V (typ.)
Power down
33.5 V (typ.)
Start-up time
Power up
10 ms (typ.)
(See Note 2)
Remote ON/OFF
10 ms (typ.)
Ultra high efficiency topology
Unprecedented useable output power levels
High power density (200 W/in3) open-frame technology
Wide ambient temperature range, -40 ºC to +85 ºC
80% to 110% output trim
Monotonic start-up in normal and prebiased loads
Basic insulation system
Overvoltage and overtemperature protection
Secondary side control, no optocouplers,
fast transient response
100 V, 100 ms input transient rated
Available RoHS compliant
This is a new high efficiency, open-frame, low profile, single board, isolated dc-dc converter
series in an industry standard quarter-brick package that provides up to 200 W of output power.
The series delivers very high output current at low voltages, and excellent useable power for
today’s high performance applications. The series features two input voltage ranges of 18 Vdc
to 36 Vdc and 36 Vdc to 75 Vdc and is available with output voltages of 1.2 V, 1.5 V, 1.8 V,
2.5 V, 3.3 V and 5 V. The output voltage is adjustable from 80% to 110% of the nominal value.
The series also has a remote ON/OFF capability. Overcurrent, overvoltage and overtemperature
protection features are included as standard. Full international safety approval including
EN60950-1 VDE and UL/cUL60950, reduces compliance costs and time to market.


Similar Part No. - LQS50A48-1V5J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQS50A48-1V5J EMERSON-NETWORKPOWER-LQS50A48-1V5J Datasheet
145Kb / 4P
   Quarter-Brick Series
logo
Artesyn Technologies
LQS50A48-1V5J ARTESYN-LQS50A48-1V5J Datasheet
517Kb / 5P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - LQS50A48-1V5J

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB81DH MICRO-ELECTRONICS-MGB81DH Datasheet
57Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
MGB31DH MICRO-ELECTRONICS-MGB31DH Datasheet
55Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
MGB32DH MICRO-ELECTRONICS-MGB32DH Datasheet
68Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
MUB32DH-5 MICRO-ELECTRONICS-MUB32DH-5 Datasheet
45Kb / 1P
   LOW CURRENT HIGH EFFICIENCY RED LED LAMP
MBB32CA-FK MICRO-ELECTRONICS-MBB32CA-FK Datasheet
115Kb / 2P
   HIGH EFFICIENCY LOW CURRENT BLUE LED LAMP
logo
Vishay Siliconix
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01 Datasheet
154Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
IFSC1515AHER220M01 VISHAY-IFSC1515AHER220M01 Datasheet
90Kb / 2P
   Low Profile, High Current Inductors
Revision: 10-Mar-14
IFSC1008ABER1R0M01 VISHAY-IFSC1008ABER1R0M01 Datasheet
84Kb / 2P
   Low Profile, High Current Inductors
Revision: 16-May-12
IHLP4040DZERR47M11 VISHAY-IHLP4040DZERR47M11 Datasheet
137Kb / 4P
   Low Profile, High Current Inductor
Revision: 04-Jan-08
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01 Datasheet
133Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com