Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8022 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8022
Description  1A, 36V DC/DC 關Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022 Datasheet(HTML) 5 Page - Linear Technology

  LTM8022 Datasheet HTML 1Page - Linear Technology LTM8022 Datasheet HTML 2Page - Linear Technology LTM8022 Datasheet HTML 3Page - Linear Technology LTM8022 Datasheet HTML 4Page - Linear Technology LTM8022 Datasheet HTML 5Page - Linear Technology LTM8022 Datasheet HTML 6Page - Linear Technology LTM8022 Datasheet HTML 7Page - Linear Technology LTM8022 Datasheet HTML 8Page - Linear Technology LTM8022 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8022
5
8022fb
TYPICAL PERFORMANCE CHARACTERISTICS
Output Current vs Input Voltage
(Output Short)
BIAS Quiescent Current
vs Load Current
(TA = 25°C, unless otherwise noted)
Minimum Required Input Voltage
vs Output Load (8VOUT)
Minimum Required Input Voltage
vs Output Load (5VOUT)
Minimum Required Input Voltage
vs Output Load (3.3VOUT)
INPUT VOLTAGE (V)
0
2400
2600
2800
40
8022 G10
2200
2000
1600
10
20
30
1800
3200
3000
LOAD CURRENT (mA)
0
6
8
10
600
3.3VOUT
1000
8022 G11
4
2
0
200
400
800
12
14
16
5VOUT
8VOUT
INPUT VOLTAGE (V)
0
0
200
400
600
800
1000
1200
10
20
30
40
8022 G13
25°C
85°C
INPUT VOLTAGE (V)
0
0
200
400
600
800
1000
1200
10
20
30
40
8022 G14
25°C
85°C
INPUT VOLTAGE (V)
0
0
200
400
600
800
1000
1200
10
20
30
40
8022 G15
25°C
85°C
Temperature Rise vs Load
(3.3VOUT)
Temperature Rise vs Load
(5VOUT)
Temperature Rise vs Load
(8VOUT)
LOAD (mA)
0
0
5
10
15
20
25
200
400
600
800
8022 G16
1000
1200
12VIN
36VIN
24VIN
LOAD (mA)
0
35
30
25
20
15
10
5
0
600
1000
8022 G17
200
400
800
1200
12VIN
36VIN
24VIN
24VIN
LOAD (mA)
0
40
35
30
25
20
15
10
5
0
600
1000
8022 G18
200
400
800
1200
36VIN
12VIN


Similar Part No. - LTM8022

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8022 LINER-LTM8022 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8022 LINER-LTM8022 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8022 LINER-LTM8022 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM8022

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
LTM8020 LINER-LTM8020 Datasheet
195Kb / 16P
   200mA, 36V DC/DC 關Module
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
LTM8040 LINER-LTM8040 Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
   200mA, 36V DC/DC Module Regulator
logo
Maxim Integrated Produc...
MAX17690EVKITB MAXIM-MAX17690EVKITB Datasheet
736Kb / 7P
   One 18V–36V DC, 1A power supply
Rev 2; 1/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com