Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R055.B00 Datasheet(PDF) 2 Page - celduc-relais

Part # R055.B00
Description  REED RELAY / DRY CONTACT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

R055.B00 Datasheet(HTML) 2 Page - celduc-relais

  R055.B00 Datasheet HTML 1Page - celduc-relais R055.B00 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
voltage
5 V
30 V
100 VAC
current ( mA )
10
200
60
life expectancy ( - x 106 op. )
200
180
830
rate of failure ( - x 10-9 défaut / op.)
5
5,6
1,2
R/SEC/R055.B00/A/17/12/2002
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 2 F/GB
caractéristiques électriques/electrical data
résistance initiale de contact/
Initial contact resistance ( 100 mA/ 12 VAC)
≤ 100 mΩ
résistance de bobine/coil resistance at 20
°C
-variation de 10% tout les 25°C
-variation 10 % each 25
°C
tension de tenue/ hold-on voltage
- entre lames
/ accross contacts
200 Vdc
- entre bobine et contact/ between coil and contacts
500 Vac
- entre boitier et contact /between case and contacts
500 Vac
- entre boitier et bobine/ between case and coil
500 Vac
résistance d'isolement/ insulation resistance
- entre lames
/ accross contacts
109
- entre bobine et contact/ between coil and contacts
109
- entre boitier et contact /between case and contacts
109
- entre boitier et bobine/ between case and coil
109
fréquence de résonnance de l'interrupteur/ resonnance frequency of the switch
4000 Hz
temps de fermeture, rebonds inclus/ operate time, bounces included
1 ms
temps d'ouverture/ release time
0,1 ms
Durée de vie electrique
/ Electrical life time
50mV 10mA > 109 op
50V = 100mA > 3.106
Durée de vie mécanique
/ mecanical life expectancy
>1. 109 op
caractéristiques physiques/ physical data
temperature de fontionnement/ operating temperature
- 40 à + 85 °C
temperature de stockage/ storage temperature
- 40 à + 100 °C
poids/ weight
4 gr. max.
chocs/shocks (11ms)
100 g
vibrations ( 50 to 4000 Hz )
30 g
REF. R0554 R0555 R0556 R0558 R0557
500
500
Ω 1000Ω 2150Ω 2150Ω


Similar Part No. - R055.B00

ManufacturerPart #DatasheetDescription
logo
celduc-relais
R055.B02 CELDUC-R055.B02 Datasheet
91Kb / 2P
   REED RELAY / DRY CONTACT
R055.B08 CELDUC-R055.B08 Datasheet
140Kb / 2P
   REED RELAY / DRY CONTACT
More results

Similar Description - R055.B00

ManufacturerPart #DatasheetDescription
logo
celduc-relais
R029 CELDUC-R029 Datasheet
191Kb / 2P
   REED RELAY / DRY CONTACT
R055.B08 CELDUC-R055.B08 Datasheet
140Kb / 2P
   REED RELAY / DRY CONTACT
R054 CELDUC-R054 Datasheet
352Kb / 2P
   REED RELAY / DRY CONTACT
F51A CELDUC-F51A Datasheet
128Kb / 2P
   REED RELAY / DRY CONTACT
R011 CELDUC-R011 Datasheet
141Kb / 2P
   REED RELAY / DRY CONTACT
R055.B02 CELDUC-R055.B02 Datasheet
91Kb / 2P
   REED RELAY / DRY CONTACT
R053 CELDUC-R053 Datasheet
108Kb / 2P
   REED RELAY / DRY CONTACT
R058 CELDUC-R058 Datasheet
140Kb / 2P
   REED RELAY / DRY REED BISTABLE CONTACT
R0580 CELDUC-R0580 Datasheet
108Kb / 2P
   REED RELAY / DRY REED BISTABLE CONTACT
F61A CELDUC-F61A Datasheet
129Kb / 2P
   REED RELAY / DRY CONTACT/ 4KVcoil/ contact insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com