Electronic Components Datasheet Search |
|
R0581B01 Datasheet(PDF) 1 Page - celduc-relais |
|
R0581B01 Datasheet(HTML) 1 Page - celduc-relais |
1 / 2 page page 1 / 2 F/GB R/SEC/R058-001/A/18/12/2002 r e l a i s All technical caracteristics are subject to change without previous notice. Caractéristiques sujettes à modifications sans préavis. Proud to serve you celduc Pour circuit imprimé / For printed circuit board Un contact travail bistable / One normally open bistable contact (1L) sous capot métal/ In metal cover caractéristiques de contrôle/control data 7,62 10,1 3,3 ± 0,2 15,24 Ø 0,6 inscriptible 20,2 0,45 x 0,30 2,54 - + 1 + - F O 7 14 8 3 10 9 2 dimensions en mm / dimensions in mm REF. R0580 R0581 tension max/ maximum voltage (V) 7,5 18 tension nominale/ nominal voltage (V) 512 tension assurant le changement d'état du contact à l'ouverture et à la fermeture suivant la bobine et les polarités indiquées / voltage ensuring change of state (opening or closing) see polarities as shown above 3,5 8 consommation nominale à 20 °C/power dissipated on the coil at 20 °C (mW) 50 150 Impulsion minimale / minimal impulse (ms) 55 caractéristisques principales/ main characteristics tension maximale de commutation/ 100 VDC ou crête maximum switching voltage (or peak) courant maximal de commutation / 200 mA maximum switching current courant traversant/ nominal current 400 mA puissance maximale/ contact rating 5VA matériau de contact/ contact material Rhodium bornage : vue de dessus pas de 2,54 mm wiring : top view step 2,54 mm REF. Marquage/Marking N °RCE R0580B01 100 R05 580D - R0581B01 100 R12 581D - RELAIS REED A CONTACT SEC BISTABLE REED RELAY / DRY REED BISTABLE CONTACT R0580 B01 relier obligatoirement 2 et 3, 9 et 10/ 2-3; 9-10 must be connected to gether |
Similar Part No. - R0581B01 |
|
Similar Description - R0581B01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |