Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9001IV-BA-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTM9001IV-BA-PBF
Description  16-Bit IF/Baseband Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001IV-BA-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTM9001IV-BA-PBF Datasheet HTML 1Page - Linear Technology LTM9001IV-BA-PBF Datasheet HTML 2Page - Linear Technology LTM9001IV-BA-PBF Datasheet HTML 3Page - Linear Technology LTM9001IV-BA-PBF Datasheet HTML 4Page - Linear Technology LTM9001IV-BA-PBF Datasheet HTML 5Page - Linear Technology LTM9001IV-BA-PBF Datasheet HTML 6Page - Linear Technology LTM9001IV-BA-PBF Datasheet HTML 7Page - Linear Technology LTM9001IV-BA-PBF Datasheet HTML 8Page - Linear Technology LTM9001IV-BA-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM9001
3
9001fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RINDIFF
Differential Input Impedance
LTM9001-AA
LTM9001-BA
200
400
Ω
Ω
CINDIFF
Differential Input Capacitance
Includes Parasitic
1
pF
VOS
Offset Error (Note 6)
Including Amplifier and ADC (LTM9001-AA)
Including Amplifier and ADC (LTM9001-BA)
l
l
–8
–20
–3.2
–10
–0.5
–0.5
mV
mV
Offset Drift
Including Amplifier and ADC
±10
μV/°C
Full-Scale Drift
Internal Reference
External Reference
±30
±15
ppm/°C
ppm/°C
CMRR
Common Mode Rejection Ratio
60
dB
ISENSE
SENSE Input Leakage Current
0V < SENSE < VDD
l
–3
3
μA
IMODE
MODE Pin Pull-Down Current to GND
10
μA
ILVDS
LVDS Pin Pull-Down Current to GND
10
μA
tAP
Sample-and-Hold Acquisition Delay Time
1
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
70
fsRMS
ELECTRICAL CHARACTERISTICS
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
16
Bits
Integral Linearity Error
Differential Input LTM9001-AA (Notes 5, 7)
Differential Input LTM9001-BA (Notes 5, 7)
l
l
±2.4
±8
±10
LSB
LSB
Differential Linearity Error
Differential Input (Notes 5, 7)
l
±0.3
±1
LSB
Transition Noise
External Reference
1
LSBRMS
CONVERTER CHARACTERISTICS The l indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
162.5MHz Input (PGA = 0) LTM9001-AA
162.5MHz Input (PGA = 1) LTM9001-AA
l
67.2
72
68.5
dBFS
dBFS
140MHz Input (PGA = 0) LTM9001-BA
140MHz Input (PGA = 1) LTM9001-BA
l
67
69.2
67.2
dBFS
dBFS
SFDR
Spurious Free Dynamic Range, 2nd or 3rd
Harmonic
162.5MHz Input (PGA = 0) LTM9001-AA
162.5MHz Input (PGA = 1) LTM9001-AA
l
72
78
82
dBc
dBc
140MHz Input (PGA = 0) LTM9001-BA
140MHz Input (PGA = 1) LTM9001-BA
l
64
72
82
dBc
dBc
SFDR
Spurious Free Dynamic Range 4th or Higher
162.5MHz Input (PGA = 0) LTM9001-AA
162.5MHz Input (PGA = 1) LTM9001-AA
l
86
95
95
dBc
dBc
140MHz Input (PGA = 0) LTM9001-BA
140MHz Input (PGA = 1) LTM9001-BA
l
86
95
104
dBc
dBc
DYNAMIC ACCURACY The l indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)


Similar Part No. - LTM9001IV-BA-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001IV-BA LINER-LTM9001IV-BA Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001IV-BAPBF LINER-LTM9001IV-BAPBF Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001IV-BAPBF LINER-LTM9001IV-BAPBF Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001IV-BA-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com