Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9001V-AA Datasheet(PDF) 6 Page - Linear Technology

Part # LTM9001V-AA
Description  16-Bit IF/Baseband Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001V-AA Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM9001V-AA Datasheet HTML 2Page - Linear Technology LTM9001V-AA Datasheet HTML 3Page - Linear Technology LTM9001V-AA Datasheet HTML 4Page - Linear Technology LTM9001V-AA Datasheet HTML 5Page - Linear Technology LTM9001V-AA Datasheet HTML 6Page - Linear Technology LTM9001V-AA Datasheet HTML 7Page - Linear Technology LTM9001V-AA Datasheet HTML 8Page - Linear Technology LTM9001V-AA Datasheet HTML 9Page - Linear Technology LTM9001V-AA Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM9001
6
9001fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency (Note 9)
LTM9001-AA
LTM9001-BA
l
l
1
1
130
160
MHz
MHz
tL
ENC Low Time (Note 7)
Duty Cycle Stabilizer Off (LTM9001-AA)
Duty Cycle Stabilizer Off (LTM9001-BA)
Duty Cycle Stabilizer On (LTM9001-AA)
Duty Cycle Stabilizer On (LTM9001-BA)
l
l
l
l
3.65
2.97
2.6
2.1
3.846
3.125
3.846
3.125
1000
1000
1000
1000
ns
ns
ns
ns
tH
ENC High Time (Note 7)
Duty Cycle Stabilizer Off (LTM9001-AA)
Duty Cycle Stabilizer Off (LTM9001-BA)
Duty Cycle Stabilizer On (LTM9001-AA)
Duty Cycle Stabilizer On (LTM9001-BA)
l
l
l
l
3.65
2.97
2.6
2.1
3.846
3.125
3.846
3.125
1000
1000
1000
1000
ns
ns
ns
ns
LVDS Output Mode (Standard and Low Power)
tD
ENC to DATA Delay
(Note 7)
l
1.3
2.7
4
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1.3
2.7
4
ns
tSKEW
DATA to CLKOUT Skew
(tC – tD) (Note 7)
l
4.3
10
ns
tRISE
Output Rise Time
0.5
ns
tFALL
Output Fall Time
0.5
ns
Data Latency
7
Cycles
CMOS Output Mode
tD
ENC to DATA Delay
(Note 7)
l
1.3
2.7
4
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1.3
2.7
4
ns
tSKEW
DATA to CLKOUT Skew
(tC – tD) (Note 7)
l
4.3
10
ns
Data Latency
Full Rate CMOS
Demuxed
7
7
Cycles
Cycles
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
TIMING CHARACTERISTICS
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PDISS
ADC Power Dissipation
LTM9001-AA
LTM9001-BA
l
l
1320
1584
1650
1914
mW
mW
PDISS(TOTAL)
Total Power Dissipation
LTM9001-AA
LTM9001-BA
1650
1914
mW
mW
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: Gain is measured from IN+/INthrough the ADC. The amplifier
provides approximately 20dB of gain and the filter has 1dB loss
(LTM9001-AA).
Note 4: VCC = VDD = 3.3V, fSAMPLE = maximum sample frequency,
differential ENC+/ENC= 2VP-P with 1.6V common mode, input range =
–1dBFS with PGA = 0 with differential drive, AC-coupled inputs, unless
otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from
a “best fit straight line” to the transfer curve. The deviation is measured
from the center of the quantization band.
Note 6: Offset error is the voltage applied between the IN+ and INpins
required to make the output code flicker between 0000 0000 0000 0000
and 1111 1111 1111 1111.
Note 7: Guaranteed by design, not subject to test.
Note 8: Amplifier dynamic performance tests are done from IN+/IN
through the DNC pins without using the ADC.
Note 9: Recommended operating conditions.


Similar Part No. - LTM9001V-AA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-Bx LINER-LTM9001-Bx Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001V-AA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com