Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQS60A241V8ENJ Datasheet(PDF) 2 Page - Emerson Network Power

Part # LQS60A241V8ENJ
Description  Quarter-Brick Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LQS60A241V8ENJ Datasheet(HTML) 2 Page - Emerson Network Power

  LQS60A241V8ENJ Datasheet HTML 1Page - Emerson Network Power LQS60A241V8ENJ Datasheet HTML 2Page - Emerson Network Power LQS60A241V8ENJ Datasheet HTML 3Page - Emerson Network Power LQS60A241V8ENJ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
High Current, High Efficiency, Low Profile
2
NEW Product
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
Quarter-Brick Series
Single output
OUTPUT
INPUT
INPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
VOLTAGE
CURRENT
RIPPLE
CURRENT
(TYP.)
SET POINT
LINE
LOAD
RIPPLE &
NUMBER (6,9,10)
(MAX.) (4)
CURRENT (5)
(MAX.)
ACCURACY
NOISE
(Max.)
(pk - pk)
48 Vin VALUE MODELS
1.2 V
1.92 A
150 mA
50 A
88.5%
±1.5%
±0.1%
±0.2%
60 mV
LQS50A48-1V2J
1.5 V
2.36 A
150 mA
50 A
89.5%
±1.5%
±0.1%
±0.2%
60 mV
LQS50A48-1V5J
1.8 V
2.82 A
150 mA
50 A
90.4%
±1.5%
±0.1%
±0.2%
60 mV
LQS50A48-1V8J
48 Vin PERFORMANCE MODELS
1.2 V
4.05 A
250 mA
100 A
86.0%
±1.5%
±0.1%
±0.2%
60 mV
LQS100A48-1V2J
1.5 V
3.8 A
200 mA
80 A
88.8%
±1.5%
±0.1%
±0.2%
60 mV
LQS80A48-1V5J
1.8 V
4.6 A
200 mA
80 A
90.0%
±1.5%
±0.1%
±0.2%
60 mV
LQS80A48-1V8J
2.5 V
4.1 A
200 mA
50 A
90.0%
±1.5%
±0.1%
±0.2%
60 mV
LQS50A48-2V5J
3.3 V
5.2 A
200 mA
50 A
91.0%
±1.5%
±0.1%
±0.2%
60 mV
LQS50A48-3V3J
48 Vin ULTRA MODELS
1.5 V
4.8 A
200 mA
100 A
88.5%
±1.5%
±0.1%
±0.2%
60 mV
LQS100A48-1V5J
1.8 V
5.7 A
200 mA
100 A
89.5%
±1.5%
±0.1%
±0.2%
60 mV
LQS100A48-1V8J
2.5 V
6.2 A
200 mA
80 A
91.0%
±1.5%
±0.1%
±0.2%
60 mV
LQS80A48-2V5J
3.3 V
6.2 A
200 mA
60 A
91.0%
±1.5%
±0.1%
±0.2%
60 mV
LQS60A48-3V3J
5 V
6.2 A
200 mA
40 A
92.0%
±1.5%
±0.1%
±0.2%
60 mV
LQS40A48-5V0J (7)
24 Vin MODELS
1.8 V
3.4 A
200 mA
30 A
91.0%
±1.5%
±0.1%
±0.2%
60 mV
LQS30A24-1V8J
3.3 V
6.5 A
300 mA
30 A
89.5%
±1.5%
±0.1%
±0.2%
60 mV
LQS30A24-3V3J
LQS60A48-3V3RANJ
Part Number System with Options
L = Low Profile
Q = 1/4 Brick
Type of output
S = Single
Rated Output Current
40 A = 40 Amps, 60 A = 60 Amps etc.
Nominal Rated Input Voltage
24 = 24 Volts (18 Vdc to 36 Vdc range)
48 = 48 Volts (36 Vdc to 75 Vdc range)
Body Height, Package Type and Pin Length
A = 0.300” (7.62 mm), Through Hole,
0.188” (4.78 mm) Pins
E = 0.340” (8.64 mm), Through Hole,
0.188” (4.78 mm) Pins
S = 0.28” (7.11 mm), Surface Mount(6)
Pin Length Options
Blank = 0.188” (4.78 mm)
N = 0.145” (3.68 mm)
K = 0.110” (2.79 mm)
Output Voltage
1V5 = 1.5 Volts, 1V8 = 1.8 Volts etc.
RoHS Compliance (9)
J = Pb-free (RoHS 6/6 compliant)
Remote ON/OFF Logic
Blank = Positive
R = Negative
N
No
otte
es
s
1
di/dt = 1 A/µs, Vin = 48 Vdc, Tc = 25 °C, load change = 50% to 75% lo
max. and 75% to 50% lo max. Deviation varies by model. For further
details see longform datasheet.
2
Start-up into resistive load.
3
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
4
Recommended input fusing is up to 10 A HRC 200 V rated fuse.
5
Peak to peak measured without external π filter. Significant reduction
possible with external filter. See Application Note 141 for further details.
6
‘S’ option applies to the 24 V models only.
7
Except LQS40A48-5V0J which has the double output pins.
8
Active low Remote ON/OFF is available. Standard product is Active
High. When ordering active low parts, designate with the Suffix ‘R’ e.g.
LQS100A48-1V8RAJ.
9
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.


Similar Part No. - LQS60A241V8ENJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQS60A48-3V3J EMERSON-NETWORKPOWER-LQS60A48-3V3J Datasheet
145Kb / 4P
   High Current, High Efficiency, Low Profile
logo
Artesyn Technologies
LQS60A48-3V3J ARTESYN-LQS60A48-3V3J Datasheet
517Kb / 5P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - LQS60A241V8ENJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
DATEL, Inc.
QBR_17 DATEL-QBR_17_10 Datasheet
1Mb / 21P
   Railway Quarter-Brick QBR Series
logo
Emerson Network Power
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com