Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFB30024S124Y Datasheet(PDF) 3 Page - Emerson Network Power

Part # RFB30024S124Y
Description  high efficiency, enclosed, isolated dc-dc converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFB30024S124Y Datasheet(HTML) 3 Page - Emerson Network Power

  RFB30024S124Y Datasheet HTML 1Page - Emerson Network Power RFB30024S124Y Datasheet HTML 2Page - Emerson Network Power RFB30024S124Y Datasheet HTML 3Page - Emerson Network Power RFB30024S124Y Datasheet HTML 4Page - Emerson Network Power RFB30024S124Y Datasheet HTML 5Page - Emerson Network Power RFB30024S124Y Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part Number System with Options
Output Voltage
12 = 7.2 Vdc to 13.2 Vdc
28 = 16.8 Vdc to 29.4 Vdc
Remote ON/OFF Polarity
R = Negative Logic Option
Blank = Positive Logic Option
Height Option (17)
5 = 0.50 in (12.70 mm)
4 = 0.40 in (10.16 mm)
Threaded Inserts
T = Threaded Inserts
Blank = Clearance Inserts
RoHS Compliance(18)
Y = Non Pb-free (RoHS 5/6 compliant)
J = PB-free (RoHS 6/6 compliant)19
Number of Outputs
S = Single
Input Voltage
24 = 18 Vdc to 36 Vdc
48 = 36 Vdc to 75 Vdc
Rated Output Current
300 = 300/308 W
350 = 350 W
Product Family
RFB = Half-Brick
Rev.11.26.07
rfb300/350
3 of 6
Embedded Power for
Business-Critical Continuity
RFB300-24S28-R5T Y
Notes
1
Measurement Bandwidth: 20 MHz; Measured with 1 μF ceramic and a 330 μF
(470 μF for 12 V output model) aluminum or solid tantalum capacitor across
the output terminals.
2
Di/dt = 1 A/μs; ΔIout = ±25% Iout (max); Vin = Vnom; Iout = Inom. Tested
with a 1 μF ceramic and a 330 μF (470 μF for 12 V output model) aluminum
electrolytic capacitor across the output.
3
External input fusing required. Use a fast acting fuse: 40 A (24 V model), 15 A
(48 V, 350 W model).
4
Iout = Iout (max) Measured with the input capacitor, Cbypass = 330 μF, and 6
μH inductor in series with the power source. Frequencies >100 kHz.
5
Signal line assumed <3 m in length.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand-alone product.
7
Negative remote ON/OFF option also available. Add suffix ‘-R’ to part
number, for example see part numbering system.
8
With the enable signal asserted, this is the time from when the input current
reaches 10 % of the final steady state value until the output voltage reaches
10 % of the nominal output value. Start-up into resistive load.
9
With Vin > Vin (min.) applied for a minimum of 1 second, this is the time
from when the primary ON/OFF signal is activated until the output voltage
reaches 10 % of the nominal output voltage.
10 Minimum effective ESR is 1 mΩ. Minimum phase margin is 35
°.
11 Measured per ETSI 300 132-2 Section 4.7.2.
12 From 10% to 90% of Vout (nom). Full resistive load. 1 μF ceramic and 330 μF
(470 μF for 12 V model) electrolytic capacitors across the output.
10 Minimum effective ESR is 1 mΩ. Minimum phase margin is 35
°.
11 Measured per ETSI 300 132-2 Section 4.7.2.
12 From 10% to 90% of Vout (nom). Full resistive load. 1 μF ceramic and 330 μF
(470 μF for 12 V model) electrolytic capacitors across the output.
13 Converter guaranteed ON for positive option.
14 Maximum driver leakage to insure converter is ON.
15 Converter guaranteed OFF for positive option.
16 Driver sink current @ Vrc ≤ 1.2 V.
17 0.40 in height option is not available on the 12 V output model.
18 The’Y’ suffix indicates that these parts are TSE ToHS 5/6 (non-Pb-free)
compliant
19 New RoHS 6/6 codes coming soon: RFB300-48S28-R5J; RFB350-48S12-R5J.
20 Notice: Some models do not support all options. Please contact your local
sales representative.
PROTECTION
Short-circuit
12 V model RFB300
29.4 A
(Brickwall current
12 V model RFB350
34.4 A
limiting)
28 V model RFB300
12.9 A
28 V model RFB350
14.7 A
Overvoltage protection
12 V model
15 V
(Output shutdown)
28 V model
33.2 V
Overtemperature
(midpoint of baseplate)
110 °C
shutdown


Similar Part No. - RFB30024S124Y

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
RFB300-24S12-4TY ARTESYN-RFB300-24S12-4TY Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
RFB300-24S12-4Y ARTESYN-RFB300-24S12-4Y Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
RFB300-24S12-5TY ARTESYN-RFB300-24S12-5TY Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
RFB300-24S12-5Y ARTESYN-RFB300-24S12-5Y Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
More results

Similar Description - RFB30024S124Y

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFB300-24S12Y ARTESYN-RFB300-24S12Y_07 Datasheet
366Kb / 6P
   RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
PQ48018QNA25 SYNQOR-PQ48018QNA25 Datasheet
724Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com