Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT12F Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT12F
Description  new range of ultra-compact non-isolated point-of-load converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT12F Datasheet(HTML) 3 Page - Emerson Network Power

  SMT12F Datasheet HTML 1Page - Emerson Network Power SMT12F Datasheet HTML 2Page - Emerson Network Power SMT12F Datasheet HTML 3Page - Emerson Network Power SMT12F Datasheet HTML 4Page - Emerson Network Power SMT12F Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev.06.27.07
SMT12F
3 of 5
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
Notes
1
The SMT12F features an ‘Active Low’ Remote ON/OFF operation. If you are
not using the Remote ON/OFF pin, leave the pin open (the converter will be
on). The Remote ON/OFF pin is referenced to ground.
The following conditions apply for the SMT12F:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low
Unit is ON
Remote pin pulled high
Unit is OFF
An ‘Active High’ Remote ON/OFF version is also possible with this converter.
To order please place the suffix ‘R’ towards the end of the part number, e.g.
SMT12F-05W3V3RJ.
2
See Figures 1 and 2 for sample derating curves. For the full set of derating
curves see Application Note 165.
3
A 22 μF ceramic input capacitor may be required for test purposes only. See
SMT12F -05W3V3J
Part Number System with Options
Product Family
SMT = Surface Mount
Rated Output Current
12 = 12 Amps
Input Voltage
03 = 2.97 Vdc to 3.63 Vdc
05 = 3.0 Vdc to 5.5 Vdc
Type of Output
S = Single Fixed
W = Wide
Performance
F = Enhanced/Fast Transient
The ultra-wide output voltage trim range offers major advantages to users who select the
SMT12F. It is no longer necessary to purchase a variety of modules in order to cover different
output voltages. The output voltage can be trimmed in a range of 0.9 Vdc to 2.6 Vdc or 0.9
Vdc to 3.3 Vdc. When the SMT12F-05W3V3J converter leaves the factory the output has been
adjusted to the default voltage of 3.3 V. When the SMT12F-03W2V6J converter leaves the
factory the output has been adjusted to the default voltage of 2.6 V.
Output Voltage Adjustment of the SMT12F Series
Application Note 165 for further details.
4
An external output capacitor is required for basic operation. Required
capacitance is a minimum of 110 μF to meet the performance parameters.
This can be made up of any combination of 22 μF or 44 μF multi-layer
ceramic capacitors in the appropriate voltage rating.
5
Ripple and Noise is worst case measurement. Typical value is 26 mV pk-pk.
6
When Vin <4.5 V, Vout max = 2.5 V for model SMT12F-03W2V6.
7
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
8
NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
Vin
Vout
Unit
4.5-5.5 Vdc
0.9-3.3 Vdc
05W3V3J
< 4.5 Vdc
0.9-2.0 Vdc
05W3V3J
2.97-3.63 Vdc
0.9-2.6 Vdc
03W2V6J
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(7, 8)
(MAX.)
(MIN.)
(MAX.)
31.2 W
2.97-3.63 Vdc
0.9-2.6 Vdc
0 A
12 A
92%
±1.0%
±1.0%
SMT12F-03W2V6J
39.6 W
3.0-5.5 Vdc
0.9-3.3 Vdc
0 A
12 A
95%
±1.0%
±1.0%
SMT12F-05W3V3J
Output Voltage
2V6 = 0.9 Vdc to 2.6 Vdc
3V3 = 0.9 Vdc to 3.3 Vdc
Packaging Options (7)
J = Pb-free (RoHS 6/6 compliant)


Similar Part No. - SMT12F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT12F ARTESYN-SMT12F Datasheet
285Kb / 4P
   DC-DC CONVERTERS F Class Non-isolated
SMT12F-03S2V6J ARTESYN-SMT12F-03S2V6J Datasheet
285Kb / 4P
   DC-DC CONVERTERS F Class Non-isolated
SMT12F-03S3V3J ARTESYN-SMT12F-03S3V3J Datasheet
285Kb / 4P
   DC-DC CONVERTERS F Class Non-isolated
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
285Kb / 4P
   DC-DC CONVERTERS F Class Non-isolated
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
   3.3 Vin and 5 Vin single output
More results

Similar Description - SMT12F

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS10-05T P-DUKE-DOS10-05T Datasheet
219Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS30-05T P-DUKE-DOS30-05T Datasheet
250Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-12T RSG-DOS06-12T Datasheet
203Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Power Mate Technology C...
DOS10-12T P-DUKE-DOS10-12T Datasheet
220Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-05T RSG-DOS06-05T Datasheet
205Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS10-05T RSG-DOS10-05T Datasheet
208Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-05T RSG-DOS16-05T Datasheet
208Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Power Mate Technology C...
DOS06-12T P-DUKE-DOS06-12T Datasheet
222Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-05T P-DUKE-DOS16-05T Datasheet
220Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-12T P-DUKE-DOS16-12T Datasheet
236Kb / 3P
   Non-isolated Point of load DC/DC converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com