Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTZ1000A Datasheet(PDF) 7 Page - Linear Technology

Part # LTZ1000A
Description  Ultra Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTZ1000A Datasheet(HTML) 7 Page - Linear Technology

  LTZ1000A Datasheet HTML 1Page - Linear Technology LTZ1000A Datasheet HTML 2Page - Linear Technology LTZ1000A Datasheet HTML 3Page - Linear Technology LTZ1000A Datasheet HTML 4Page - Linear Technology LTZ1000A Datasheet HTML 5Page - Linear Technology LTZ1000A Datasheet HTML 6Page - Linear Technology LTZ1000A Datasheet HTML 7Page - Linear Technology LTZ1000A Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTZ1000/LTZ1000A
7
1000afc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
7V Positive Reference Circuit
+
+
2N3904
1N4148
1N4148
A2
LT1013
A1
LT1013
1M
1
1
7
5
3
3
4
4
8
8
5
7
6
1k
2
2
0.1μF
0.002μF
0.1μF
400k*
10k
R4
13k
R1
120Ω
R3
70k
R2
70k
R5
1k
ZENER – SENSE
ZENER + SENSE
GROUND
ZENER – FORCE
HEATER RETURN
(TIED TO GROUND)
V+ 15V
*PROVIDES TC COMPENSATION, DELETE FOR LTZ1000A
APPROXIMATE CHANGE IN REFERENCE VOLTAGE FOR A 100ppm (0.01%) CHANGE IN RESISTOR VALUES:
R1
R2
R3
R4/R5 RATIO
R(Ω)
0.012Ω
R = 0.01%
VZ
1ppm
0.3ppm
0.2ppm
1ppm
BOTH A1 AND A2 CONTRIBUTE LESS THAN 2μV OF OUTPUT DRIFT OVER A 50°C RANGE
1000 TA06
TYPICAL APPLICATIONS


Similar Part No. - LTZ1000A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000A LINER-LTZ1000A Datasheet
385Kb / 7P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
134Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
162Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000ACH LINER-LTZ1000ACH Datasheet
134Kb / 8P
   Ultra Precision Reference
More results

Similar Description - LTZ1000A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_06 Datasheet
134Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_12 Datasheet
162Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
385Kb / 7P
   Ultra Precision Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com