Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD454A Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD454A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD454A Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD454A Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
16.7
25
40
50
RθJC
3
4
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A,G
t ≤ 10s
RθJA
°C/W
°C/W
Maximum Junction-to-Case
F
Steady-State
TA=25°C
PDSM
TC=25°C
Maximum Junction-to-Ambient
A,G
Steady-State
Power Dissipation
A
Junction and Storage Temperature Range
PD
TC=100°C
V
±20
Gate-Source Voltage
Drain-Source Voltage
A
mJ
ID
Pulsed Drain Current
C
12
10
40
14
9.8
TA=70°C
Power Dissipation
B
Avalanche Current
C
Repetitive avalanche energy L=0.1mH
C
Continuous Drain
Current
B,H
Maximum
Units
Parameter
TC=25°C
TC=100°C
40
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
°C
37
18
-55 to 175
W
2.5
1.6
AOD454A
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 40V
ID = 12A
(VGS = 10V)
RDS(ON) < 30mΩ (VGS = 10V)
RDS(ON) < 40mΩ (VGS = 4.5V)
100% UIS Tested!
100% Rg Tested!
General Description
The AOD454A uses advanced trench technology and
design to provide excellent RDS(ON) with low gate
charge. With the excellent thermal resistance of the
DPAK package, this device is well suited for high
current load applications.
-RoHS Compliant
-Halogen Free*
G
D
S
G
TO-252
D-PAK
Top View
S
Bottom View
D
G
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD454A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD454A VBSEMI-AOD454A Datasheet
1,001Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD454A ISC-AOD454A Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD454A DOINGTER-AOD454A Datasheet
762Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AOD454A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com