Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD454A Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD454A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD454A Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD454A Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD454A Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD454A
Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
1.7
2.5
3
V
ID(ON)
40
A
24
30
TJ=125°C
37
46
30
40
gFS
25
S
VSD
0.76
1
V
IS
2.5
A
Ciss
516
650
pF
Coss
82
pF
Crss
43
pF
Rg
4.6
Qg
8.3
10.8
nC
Qgs
2.3
nC
Qgd
1.6
nC
tD(on)
6.4
ns
tr
3.6
ns
tD(off)
16.2
ns
tf
6.6
ns
trr
18
24
ns
Qrr
10
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VDS=40V, VGS=0V
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
IDSS
µA
Body Diode Reverse Recovery Charge IF=12A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
VGS=10V, ID=12A
Reverse Transfer Capacitance
IF=12A, dI/dt=100A/µs
Gate Threshold Voltage
VDS=VGS ID=250µA
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
VGS=4.5V, ID=8A
IS=1A,VGS=0V
VDS=5V, ID=12A
mΩ
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=20V, RL=1.6Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Gate Drain Charge
VGS=0V, VDS=20V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
TBD
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=10V, VDS=20V,
ID=12A
TBD
A: The value of RθJA is measured with the device in a still air environment with T A =25°C. The power dissipation PDSM and current rating IDSM
are based on TJ(MAX)=150°C, using t ≤ 10s junction-to-ambient thermal resistance.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature T J(MAX)=175°C.
D. The RθJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300 µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. The maximum current rating is limited by bond-wires.
*This device is guaranteed green after data code 8X11 (Sep 1
ST 2008).
Rev2: Oct 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD454A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD454A VBSEMI-AOD454A Datasheet
1,001Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD454A ISC-AOD454A Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD454A DOINGTER-AOD454A Datasheet
762Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AOD454A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com