Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT40C Datasheet(PDF) 4 Page - Emerson Network Power

Part # SMT40C
Description  new high density open frame non-isolated converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT40C Datasheet(HTML) 4 Page - Emerson Network Power

  SMT40C Datasheet HTML 1Page - Emerson Network Power SMT40C Datasheet HTML 2Page - Emerson Network Power SMT40C Datasheet HTML 3Page - Emerson Network Power SMT40C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev.06.25.07
smt40c
4 of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
All dimensions in inches (mm)
All tolerance
±0.010in (±0.25mm)
unless otherwise stated
2.280
(57.91)
PCB REF
0.062
(1.57)
0.43
(10.8)
0.105
(2.67)
0.011
(0.27) Typ
0.140
(3.56)
15 x
0.090
(2.29)
2.100
(53.34)
0.045
(1.13)
0.485
(12.33)
1.140
(28.96)
PIN 1
PIN 16
PIN 17
PIN 18
SMT Pin Size (18 PL)
0.102 (2.59) x 0.062 (1.57)
PIN CONNECTIONS
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
Current Share
10
Vin
2Trim
11
Vin
3
GND
12
Vout
4
GND
13
Vout
5
GND
14
GND
6
Sense-
15
Vout
7Sense+
16
GND
8
Remote ON/OFF
17
Mechanical Support
9
Power Good
18
Mechanical Support


Similar Part No. - SMT40C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT40C ARTESYN-SMT40C Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT40C-12SADJ-J ARTESYN-SMT40C-12SADJ-J Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT40C-12SADJ-SJ ARTESYN-SMT40C-12SADJ-SJ Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
   12 Vin single output
More results

Similar Description - SMT40C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT20C EMERSON-NETWORKPOWER-SMT20C Datasheet
258Kb / 4P
   new high density open frame non-isolated converter
SMT15C EMERSON-NETWORKPOWER-SMT15C Datasheet
253Kb / 4P
   new high density open-frame, non-isolated converter for space sensitive applications
logo
Wall Industries,Inc.
POL30 WALL-POL30_18 Datasheet
309Kb / 5P
   Up to 30A DC/DC Non-Isolated Open Frame Converter Single Output
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD05H ETC2-ASD05H Datasheet
781Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD05H ASTRODYNE-ASD05H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD15H-12S3 ETC1-ASD15H-12S3 Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
ASD10H ETC2-ASD10H Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com