Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFE1300-96S24PJ Datasheet(PDF) 5 Page - Emerson Network Power

Part # UFE1300-96S24PJ
Description  3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFE1300-96S24PJ Datasheet(HTML) 5 Page - Emerson Network Power

  UFE1300-96S24PJ Datasheet HTML 1Page - Emerson Network Power UFE1300-96S24PJ Datasheet HTML 2Page - Emerson Network Power UFE1300-96S24PJ Datasheet HTML 3Page - Emerson Network Power UFE1300-96S24PJ Datasheet HTML 4Page - Emerson Network Power UFE1300-96S24PJ Datasheet HTML 5Page - Emerson Network Power UFE1300-96S24PJ Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev.2.13.09_154
UFE / UFR Series
5 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
0.13 (3.3)
1.72 (43.8)
0.99 (25.1)
0.55 (14.0)
1.25 (31.8)
18.44 (468.4)
18.88 (475.6)
R0.13 (3.3)
5.76 (146.3)
12.85 (326.4)
0.22 (5.6)
1.250 (31.8)
(5.6)
0.22 (5.6)
0.22 (5.6)
12.59 (319.8)
13.00 (330.2)
Dimensions Inches (mm)
17.44 (443.0) max.
0.44 (11.2)
RackSpecifications
RackSignalConnectorPinout
PinNo.
Function
PinNo.
Function
1
Sense+
14
Ishare
2
Ground
15
Unit1Present
3
Sense-
16
Ground
4
Ground
17
Unit2Present
5
PS-EN(Control)(8)
18
Ground
6
DC1-OK0-L
19
Unit3Present
7
DC2-OK-L
20
Ground
8
DC3-OK-L
21
SCL
9
I2C-En-H-1(Comm-En-H)(8)
22
Ground
10
I2C-En-H-2(Comm-En-H)(8)
23
SDA
11
I2C-En-H-3(Comm-En-H)(8)
24
Ground
12
Ground
25
SMBALERT#
13
12V-Aux
26
N/C
SignalConnector(1pershelf)
ShelfConnector
MatingConnector
Molex:52986-2679
Molex:52316-2619
Tyco:2-178238-4
Tyco:2-5175677-4
ACInputConnector(3pershelf)
ShelfConnector
MatingConnector
IEC320C20Socket
IEC320C20Plug
(StraightEntry)
ShelfDIPSwitchTable
ShelfNumber
DIPSwitch
DIPSwitch
1
Up
Up
2
Up
Down
3
Down
Up
4
Down
Down


Similar Part No. - UFE1300-96S24PJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
UFE1300-96S24C1J ARTESYN-UFE1300-96S24C1J Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
More results

Similar Description - UFE1300-96S24PJ

ManufacturerPart #DatasheetDescription
logo
NEC
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
   6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
logo
List of Unclassifed Man...
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
logo
Omron Electronics LLC
J7KN OMRON-J7KN Datasheet
1Mb / 30P
   Range from 4 to 500 kW (AC 3, 380/415 V)
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
   3-phase KW & KWH Energy Meter
logo
List of Unclassifed Man...
EFRP-G753 ETC2-EFRP-G753 Datasheet
163Kb / 2P
   1U 750W Redundant Power Module
logo
Advantech Co., Ltd.
IPC-6606 ADVANTECH-IPC-6606_12 Datasheet
2Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
logo
Rhombus Industries Inc.
T-1202 RHOMBUS-IND-T-1202 Datasheet
40Kb / 1P
   2 kW Transformer
logo
List of Unclassifed Man...
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
   1400W 1U Redundant Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com