Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFE1300-5 Datasheet(PDF) 6 Page - Emerson Network Power

Part # UFE1300-5
Description  3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFE1300-5 Datasheet(HTML) 6 Page - Emerson Network Power

  UFE1300-5 Datasheet HTML 1Page - Emerson Network Power UFE1300-5 Datasheet HTML 2Page - Emerson Network Power UFE1300-5 Datasheet HTML 3Page - Emerson Network Power UFE1300-5 Datasheet HTML 4Page - Emerson Network Power UFE1300-5 Datasheet HTML 5Page - Emerson Network Power UFE1300-5 Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.2.13.09_154
UFE / UFR Series
6 of 6
AMBIENT TEMPERATURE (ºC)
1000
1100
1200
1300
1400
40
45
50
55
60
65
70
Below
120 Vac
120 Vac to
149 Vac
All Output Voltages
AMBIENT TEMPERATURE (ºC)
1400
1500
1600
1700
1800
1900
2000
2100
40
45
50
55
60
65
70
52-57 V
48 V
42 V
Above 180 Vac
AMBIENT TEMPERATURE (ºC)
1000
1100
1200
1300
1400
40
45
50
55
60
65
70
Figure1-ThermalDeratingCurveforUFE2000-96S48JModel
LowLineInputVoltage
Figure2-ThermalDeratingCurveforUFE2000-96S48JModel
HighLineInputVoltage
Figure3-ThermalDeratingCurveforUFE1300-96S24JModel
AllConditions
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.em�eddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Em�edded Power
Monitoring
Outside Plant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DC Power


Similar Part No. - UFE1300-5

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UFE1300-5 EMERSON-NETWORKPOWER-UFE1300-5 Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
logo
Artesyn Technologies
UFE1300-5 ARTESYN-UFE1300-5 Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
More results

Similar Description - UFE1300-5

ManufacturerPart #DatasheetDescription
logo
NEC
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
   6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
logo
List of Unclassifed Man...
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
logo
Omron Electronics LLC
J7KN OMRON-J7KN Datasheet
1Mb / 30P
   Range from 4 to 500 kW (AC 3, 380/415 V)
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
   3-phase KW & KWH Energy Meter
logo
List of Unclassifed Man...
EFRP-G753 ETC2-EFRP-G753 Datasheet
163Kb / 2P
   1U 750W Redundant Power Module
logo
Advantech Co., Ltd.
IPC-6606 ADVANTECH-IPC-6606_12 Datasheet
2Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
logo
Rhombus Industries Inc.
T-1202 RHOMBUS-IND-T-1202 Datasheet
40Kb / 1P
   2 kW Transformer
logo
List of Unclassifed Man...
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
   1400W 1U Redundant Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com