Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRM10 Datasheet(PDF) 2 Page - Emerson Network Power

Part # VRM10
Description  non-isolated DC-DC converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM10 Datasheet(HTML) 2 Page - Emerson Network Power

  VRM10 Datasheet HTML 1Page - Emerson Network Power VRM10 Datasheet HTML 2Page - Emerson Network Power VRM10 Datasheet HTML 3Page - Emerson Network Power VRM10 Datasheet HTML 4Page - Emerson Network Power VRM10 Datasheet HTML 5Page - Emerson Network Power VRM10 Datasheet HTML 6Page - Emerson Network Power VRM10 Datasheet HTML 7Page - Emerson Network Power VRM10 Datasheet HTML 8Page - Emerson Network Power VRM10 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev.07.20.07
vrm10 series
2 of 10
Embedded Power for
Business-Critical Continuity
Unless otherwise stated, all specifications are typical at nominal input, maximum
continuous rated load at 25 °C and voltages are referenced to Vin-.
Specifications
OUTPUT SPECIFICATIONS
Voltage adjustability
(See VID codes,Table 3)
0.8375-1.6000 Vdc
Output current (Iout)
0 A min.
VRM10-85-12-UY
Continuous
85 A max.
Peak non-sustained
100 A max.
VRM10-80-12-PY
Continuous
80 A max.
Peak non-sustained
91 A max.
VRM10-105-12-EJ
Continuous
105 A max.
Peak non-sustained
120 A max.
Load line (LL) adjustability
0.91-1.25 mW
(See LL codes, Table 1)
Output voltage (Vout)
Vo max
VID - Rout * Iout V
(Vo sen+ minus Vo sen-)
Vo min VID - Rout * Iout - 0.040V (-U/-E)
(See Notes 3, B)
Vo min
VID - Rout * Iout - 0.038V (-P)
Where
VID = programmed voltage (V)
Rout
Fixed or programmable
output impedance (W)
Iout
Output current (A)
Ripple and noise
20 MHz bandwidth
8 mV pk-pk
(See Notes 1, 2)
Short circuit protection
Continuous current limit,
brickwall automatic recovery
Remote sensing compensating voltage
Up to 300 mV max.
INPUT SPECIFICATIONS
Input voltage range
12 Vin nominal
11.0-12.6 Vdc
Input current
VRM10-85-12-UY
11Vin, VID=1.325 V, Iout=100 A
15.3 A
VRM10-80-12-PY
11Vin, VID=1.400 V, Iout=91 A
14.2 A
VRM10-105-12-EJ
11VIN, VID=1.325V, Iout=120 A
18.5 A
No load
25 0 mA typ., 300 mA max.
OUTEN OFF
50 mA max.
UVLO turn ON voltage
0 ºC <tamb <60 ºC
9.5 V ± 2.6%
UVLO turn OFF voltage
0 ºC <tamb <60 ºC
8.7 V ± 4.5%
Hysteresis
0.8 V typ
Start-up time
11.0 V < Vin <12.6 V
10 ms max.
(using OUTEN)
(PWRGD transitioning high
INPUT SPECIFICATIONS CONTD.
OUTEN, VID and LL signal valid states:
ON or Logic ‘1’
0.8 Vdc min., 5.5 Vdc max.
OFF or Logic ‘0’
-0.3 Vdc min., 0.4 Vdc max.
GENERAL CHARACTERISTICS
Efficiency
See table 2 on page 2
VID = 1.325 V
Switching frequency
80 A/85 A
2.2 MHz
Fixed (See Note 4)
105 A
1.1 MHz
Approvals and standards
(See Note 5)
IEC/EN60950 VDE
Material flammability
UL94V-0
Weight
80 A/85 A
38 g (1.34 oz)
105 A
70 g (2.47 oz)
MTBF
80 A/85 A
2,000,000 hours
Telecordia SR-332
105 A
1,648,000 hours
Mating connector
80 A/85 A
See Figure 7
105 A
See Figure 8
Connector fingers
Gold plated, 30 μ-inches
ENVIRONMENTAL SPECIFICATIONS
Temperature shock
Operating
10 °C/hour
non-operating
20 °C/hour
Humidity
Operating
85% RH
(Non-condensing)
storage
95% RH
Altitude
Operating
10,000 feet max.
storage
50,000 feet max.
Shock
Operational and
30 G 11ms
non-operational
Half sine wave
Vibration
Operational and
0.02 G2/Hz max.
(See Note 6)
non-operational
Thermal performance
Operating ambient
0 °C to +60 °C
(See Note 7)
temperature
Storage temperature
(Non-condensing)
-40 °C to + 100 °C


Similar Part No. - VRM10

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
VRM10-105-12-EY ARTESYN-VRM10-105-12-EY Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
VRM10-85-12-UY ARTESYN-VRM10-85-12-UY Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - VRM10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com