Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD4136 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOD4136
Description  N-Channel SDMOSTM POWER Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD4136 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOD4136 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOD4136
100
150
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
30
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 13: Current De-rating (Note B)
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-Ambient (Note G)
TJ(Max)=150°C
TA=25°C
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note G)
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=60°C/W
Single Pulse
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 12: Power De-rating (Note B)
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD4136

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD4136 ISC-AOD4136 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD4136

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT412 AOSMD-AOT412 Datasheet
315Kb / 7P
   N-Channel SDMOSTM Power Transistor
AOD472A AOSMD-AOD472A Datasheet
158Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOD4140 AOSMD-AOD4140 Datasheet
202Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOD4142 AOSMD-AOD4142 Datasheet
151Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOD4144 AOSMD-AOD4144 Datasheet
161Kb / 7P
   N-Channel SDMOSTM Power Transistor
AOD452A AOSMD-AOD452A Datasheet
289Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOI452A AOSMD-AOI452A Datasheet
297Kb / 7P
   N-Channel SDMOSTM Power Transistor
logo
Infineon Technologies A...
IPP881N08NG INFINEON-IPP881N08NG Datasheet
226Kb / 6P
   n-channel Power-Transistor
Rev. 2.1 2008-06-19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com