Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4264 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4264
Description  High Power PD Interface Controller with 750mA Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 3 Page - Linear Technology

  LTC4264 Datasheet HTML 1Page - Linear Technology LTC4264 Datasheet HTML 2Page - Linear Technology LTC4264 Datasheet HTML 3Page - Linear Technology LTC4264 Datasheet HTML 4Page - Linear Technology LTC4264 Datasheet HTML 5Page - Linear Technology LTC4264 Datasheet HTML 6Page - Linear Technology LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4264
3
4264f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and
lifetime.
Note 2: All voltages are with respect to GND pin unless otherwise noted.
Note 3: Active high PWRGD pin internal clamp circuit self-regulates to 14V
with respect to VOUT.
Note 4: The LTC4264 operates with a negative supply voltage in the range of
–1.5V to –57V. To avoid confusion, voltages in this data sheet are referred to
in terms of absolute magnitude.
Note 5: In IEEE 802.3af systems, the maximum voltage at the PD jack is
defined to be –57V. See Applications Information.
Note 6: The LTC4264 is designed to work with two polarity protection
diodes in series with the input. Parameter ranges specified in the Electrical
Characteristics are with respect to LTC4264 pins and are designed to meet
IEEE 802.3af specifications when the drop from the two diodes is included.
See Applications Information.
Note 7: Signature resistance is measured via the two-point
ΔV/ΔI method
as defined by IEEE 802.3af. The LTC4264 signature resistance is offset
from 25k to account for diode resistance. With two series diodes, the total
PD resistance will be between 23.75k and 26.25k and meet IEEE 802.3af
specifications. The minimum probe voltages measured at the LTC4264 pins
are – 1.5V and – 2.5V. The maximum probe voltages are –9.1V and –10.1V.
Note 8: The LTC4264 includes hysteresis in the UVLO voltages to preclude
any start-up oscillation. Per IEEE 802.3af requirements, the LTC4264 will
power up from a voltage source with 20
Ω series resistance on the first trial.
Note 9: IIN_CLASS does not include classification current programmed at
Pin 3. Total supply current in classification mode will be IIN_CLASS + ICLASS
(see Note 10).
Note 10: ICLASS is the measured current flowing through RCLASS. ΔICLASS
accuracy is with respect to the ideal current defined as ICLASS = 1.237/RCLASS.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL_ILIM
ILIM_EN Low Level Input Voltage
With Respect to VIN (Note 13)
1V
VPWRGD_OUT
Active Low Power Good
Output Low Voltage
IPWRGD = 1mA, VIN = –54V, ⎯P⎯W⎯R⎯G⎯D
Referenced to VIN
0.5
V
IPWRGD_LEAK
Active Low Power Good Leakage
VIN = 0V, VPWRGD = 57V
1µA
VPWRGD_OUT
Active High Power Good
Output Low Voltage
IPWRGD = 0.5mA, VIN = –52V, VOUT = –4V,
PWRGD Referenced to VOUT (Note 14)
0.35
V
VPWRGD_VCLAMP Active High Power Good
Voltage-Limiting Clamp
IPWRGD = 2mA, VOUT = 0V,
With Respect to VOUT (Note 3)
12.0
14.0
16.5
V
IPWRGD_LEAK
Active High Power Good Leakage
VPWRGD = 11V, with Respect to VOUT,
VOUT = VIN = –54V
1µA
RON
On Resistance
I = 700mA, VIN = –54V
Measured from VIN to VOUT (Note 11)
0.5
0.6
0.8
Ω
Ω
IOUT_LEAK
VOUT Leakage
VIN = –57V, GND = SHDN = VOUT = 0V
1µA
ILIMIT_HIGH
Input Current Limit During Normal
Operation
VIN = –54V, VOUT = –53V, ILIM_EN Floating
(Notes 15, 16)
700
750
800
mA
ILIMIT_LOW
Inrush Current Limit
VIN = –54V, VOUT = –53V (Notes 15, 16)
250
300
350
mA
ILIMIT_DISA
Safeguard Current Limit when
ILIMIT_HIGH Disabled
VIN = –54V, VOUT = –52.5V, ILIM_EN Tied to VIN
(Notes 15, 16, 17)
1.20
1.45
1.65
A
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
tCLASSRDY is the time for ICLASS to settle to within ±3.5% of ideal. The current
accuracy specification does not include variations in RCLASS resistance. The
total classification current for a PD also includes the IC quiescent current
(IIN_CLASS). See Applications Information.
Note 11: This parameter is assured by design and wafer level testing.
Note 12: To disable the 25k signature, tie SHDN to GND (±0.1V) or hold SHDN
pin high with respect to VIN. See Applications Information.
Note13: ILIM_EN pin is pulled high internally and for normal operation should
be left floating. To disable high level current limit, tie ILIM_EN to VIN. See
Applications Information.
Note 14: Active high power good is referenced to VOUT and is valid for
GND-VOUT ≥ 4V. Measured at –52V due to test hardware limitations.
Note 15: The LTC4264 includes a dual current limit. At turn-on, before C1 is
charged, the LTC4264 current level is set to ILIMIT_LOW. After C1 is charged
and with ILIM_EN floating, the LTC4264 switches to ILIMIT_HIGH. With ILIM_EN
pin tied low, the LTC4264 switches to ILIMIT_DISA. The LTC4264 stays in
ILIMIT_HIGH or ILIMIT_DISA until the input voltage drops below the UVLO turn-
off threshold or a thermal overload occurs.
Note 16: The LTC4264 features thermal overload protection. In the event of
an overtemperature condition, the LTC4264 will turn off the power MOSFET,
disable the classification load current and present an invalid power good
signal. Once the LTC4264 cools below the overtemperature limit, the
LTC4264 current limit switches to ILIMIT_LOW and normal operation resumes.
Thermal overload protection is intended to protect the device during
momentary fault conditions and continuous operation in thermal overload
should be avoided as it may impair device reliability.
Note 17: ILIMIT_DISA is a safeguard current limit that is activated when the
normal input current limit (ILIMIT_HIGH) is defeated using the ILIM_EN pin.
Currents at or near ILIMIT_DISA will cause significant package heating and may
require a reduced maximum ambient operating temperature in order to avoid
tripping the thermal overload protection. See Applications Information.


Similar Part No. - LTC4264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4264 LINER-LTC4264 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
More results

Similar Description - LTC4264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
   PD Interface Controller
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
   Front-End PD Interface Controller
2020
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com