Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4264CDE Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4264CDE
Description  High Power PD Interface Controller with 750mA Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264CDE Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4264CDE Datasheet HTML 2Page - Linear Technology LTC4264CDE Datasheet HTML 3Page - Linear Technology LTC4264CDE Datasheet HTML 4Page - Linear Technology LTC4264CDE Datasheet HTML 5Page - Linear Technology LTC4264CDE Datasheet HTML 6Page - Linear Technology LTC4264CDE Datasheet HTML 7Page - Linear Technology LTC4264CDE Datasheet HTML 8Page - Linear Technology LTC4264CDE Datasheet HTML 9Page - Linear Technology LTC4264CDE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4264
6
4264f
BLOCK DIAGRAM
4264 BD
BOLD LINE INDICATES
HIGH CURRENT PATH
14V
+
12
NC 2
RCLASS 3
ILIM_EN 4
SHDN
PWRGD
GND
11 NC
1
10
PWRGD
9
VOUT
8
VOUT
7
CONTROL
CIRCUITS
INPUT
CURRENT
LIMIT
CLASSIFICATION
CURRENT LOAD
1.237V
1400mA
300mA
750mA
+
16k
25k
VIN 6
VIN 5


Similar Part No. - LTC4264CDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4264 LINER-LTC4264 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
More results

Similar Description - LTC4264CDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
   PD Interface Controller
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
   Front-End PD Interface Controller
2020
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com