Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOP611L Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOP611L
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOP611L Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOP611L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOP611L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOP611L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOP611L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOP611L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOP611L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOP611L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AOP611
Symbol
Min
Typ
Max
Units
BVDSS
-40
V
-1
TJ=55°C
-5
IGSS
±150
µA
VGS(th)
-1
-2
-3
V
ID(ON)
-25
A
43
52
TJ=125°C
60
72
65
80
m
gFS
11
S
VSD
-0.76
-1
V
IS
-3.5
A
Ciss
1006
pF
Coss
152
pF
Crss
77
pF
Rg
11
16.5
Qg(10V)
17.4
nC
Qg(4.5V)
8.8
nC
Qgs
3.3
nC
Qgd
4.5
nC
tD(on)
9.7
ns
tr
6.3
ns
tD(off)
35.5
ns
tf
26
ns
trr
22
ns
Qrr
15.9
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Body Diode Reverse Recovery Time
IF=-5.5A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF=-5.5A, dI/dt=100A/µs
Turn-On DelayTime
VGS=-10V, VDS=-20V, RL=3.6Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Total Gate Charge (4.5V)
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Total Gate Charge (10V)
VGS=-10V, VDS=-20V, ID=-5.5A
Reverse Transfer Capacitance
Gate resistance
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=-20V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
Diode Forward Voltage
IS=-1A,VGS=0V
Maximum Body-Diode Continuous Current
Output Capacitance
VDS=-5V, ID=-5.5A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
VGS=-10V, ID=-5.5A
m
VGS=-4.5V, ID=-4.4A
Gate Threshold Voltage
VDS=VGS ID=-250µA
On state drain current
VGS=-10V, VDS=-5V
µA
Gate-Body leakage current
VDS=0V, VGS=±20V
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=-32V, VGS=0V
P-Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with
T A=25°C. The SOA curve provides a single pulse rating.
Rev 0: October 2006
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOP611L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP610 AOSMD-AOP610 Datasheet
145Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOP610L AOSMD-AOP610L Datasheet
145Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results

Similar Description - AOP611L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com