Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4267IGN-1-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4267IGN-1-TRPBF
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267IGN-1-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4267IGN-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC4267-1
9
42671f
BLOCK DIAGRAM
OVERVIEW
The LTC4267-1 is partitioned into two major blocks: a
Powered Device (PD) interface controller and a current
mode flyback switching regulator. The Powered Device
(PD) interface is intended for use as the front end of a
PD adhering to the IEEE 802.3af standard, and includes
a trimmed 25k signature resistor, classification current
source, and an input current limit circuit. With these
functions integrated into the LTC4267-1, the signature
and power interface for a PD can be built that meets all
the requirements of the IEEE 802.3af specification with a
minimum of external components.
The switching regulator portion of the LTC4267-1 is a
constant frequency current mode controller that is opti-
mized for Power over Ethernet applications. The regulator
is designed to drive a 6V N-channel MOSFET and features
soft-start and programmable slope compensation. The
integrated error amplifier and precision reference give the
PD designer the option of using a nonisolated topology
without the need for an external amplifier or reference. The
LTC4267-1 has been specifically designed to interface with
both IEEE compliant Power Sourcing Equipment (PSE)
and legacy PSEs which do not meet the inrush current
requirement of the IEEE 802.3af specification. By setting
the initial inrush current limit to a low level, a PD using
the LTC4267-1 minimizes the current drawn from the PSE
during start-up. After powering up, the LTC4267-1 switches
to the high level current limit, thereby allowing the PD to
consume up to 12.95W if an IEEE 802.3af PSE is present.
This low level current limit also allows the LTC4267-1 to
charge arbitrarily large load capacitors without exceeding
the inrush limits of the IEEE 802.3af specification. This
dual level current limit provides the system designer with
flexibility to design PDs which are compatible with legacy
PSEs while also being able to take advantage of the higher
power available in an IEEE 802.3af system.
Using an LTC4267-1 for the power and signature inter-
face functions of a PD provides several advantages. The
LTC4267-1 current limit circuit includes an onboard 100V
power MOSFET. This low leakage MOSFET is specified to
APPLICATIO S I FOR ATIO


Similar Part No. - LTC4267IGN-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results

Similar Description - LTC4267IGN-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1_15 Datasheet
378Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com