Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4267IGN-1-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4267IGN-1-TRPBF
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267IGN-1-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4267IGN-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 13Page - Linear Technology LTC4267IGN-1-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC4267-1
10
42671f
avoid corrupting the 25k signature resistor while also sav-
ing board space and cost. In addition, the inrush current
limit requirement of the IEEE 802.3af standard can cause
large transient power dissipation in the PD. The LTC4267-1
is designed to allow multiple turn-on sequences without
overheating the miniature 16-lead package. In the event of
excessive power cycling, the LTC4267-1 provides thermal
overload protection to keep the onboard power MOSFET
within its safe operating area.
OPERATION
The LTC4267-1 PD interface has several modes of opera-
tion depending on the applied input voltage as shown in
Figure 1 and summarized in Table 1. These modes satisfy
the requirements defined in the IEEE 802.3af specification.
The input voltage is applied to the VPORTN pin and must
be negative relative to the VPORTP pin. Voltages in the data
sheet for the PD interface portion of the LTC4267-1 are
with respect to VPORTP while the voltages for the switch-
ing regulator are referenced to PGND. It is assumed that
PGND is tied to POUT. Note the use of different ground
symbols throughout the data sheet.
Table 1. LTC4267-1 Operational Mode
as a Function of Input Voltage
INPUT VOLTAGE
(VPORTN with RESPECT to VPORTP) LTC4267-1 MODE OF OPERATION
0V to – 1.4V
Inactive
–1.5V to –9.5V**
25k Signature Resistor Detection
–9.8V to –12.4V
Classification Load Current Ramps up
from 0% to 100%
–12.5V to UVLO*
Classification Load Current Active
UVLO* to –57V
Power Applied to Switching Regulator
*VPORTN UVLO includes hysteresis.
Rising input threshold
≅ –36.0V
Falling input threshold
≅ –30.5V
**Measured at LTC4267-1 pin. The LTC4267-1 meets the IEEE 802.3af 10V
minimum when operating with the required diode bridges.
APPLICATIO S I FOR ATIO
Figure 1. Output Voltage,
⎯P⎯W⎯R⎯G⎯D and PD
Current as a Function of Input Voltage


Similar Part No. - LTC4267IGN-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results

Similar Description - LTC4267IGN-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1_15 Datasheet
378Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com