Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSAL5300-GSZ Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSAL5300-GSZ
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL5300-GSZ Datasheet(HTML) 6 Page - Vishay Siliconix

  TSAL5300-GSZ Datasheet HTML 1Page - Vishay Siliconix TSAL5300-GSZ Datasheet HTML 2Page - Vishay Siliconix TSAL5300-GSZ Datasheet HTML 3Page - Vishay Siliconix TSAL5300-GSZ Datasheet HTML 4Page - Vishay Siliconix TSAL5300-GSZ Datasheet HTML 5Page - Vishay Siliconix TSAL5300-GSZ Datasheet HTML 6Page - Vishay Siliconix TSAL5300-GSZ Datasheet HTML 7Page - Vishay Siliconix TSAL5300-GSZ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 81008
Rev. 1.7, 08-Mar-05
VISHAY
TSAL5300
Vishay Semiconductors
Ammopack
The tape is folded in a concertina arrangement and
laid in cardboard box.
If components are required with cathode before the
anode (Figure 12), then start of tape should be taken
from the side of the box marked “–”If components are
required with anode before cathode, then tape should
be taken from the side of the box marked “+”.
Figure 12. Tape direction
Tape Feed Direction
Diodes: cathode before
anode (Code12)
Label
Tape Feed Direction
Diodes: anode before
cathode (Code21)
C
B
A
948667


Similar Part No. - TSAL5300-GSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5300-MSZ VISHAY-TSAL5300-MSZ Datasheet
214Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSAL5300-MSZ VISHAY-TSAL5300-MSZ Datasheet
216Kb / 6P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 2.0, 29-Jun-09
More results

Similar Description - TSAL5300-GSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML3710-GS08 VISHAY-TSML3710-GS08 Datasheet
135Kb / 8P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.6, 21-Feb-07
TSAL5100 VISHAY-TSAL5100 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.3, 08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
353Kb / 10P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.8, 08-Mar-05
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com