Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4440-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4440-5
Description  High Speed, High Voltage, High Side Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4440-5 Datasheet HTML 2Page - Linear Technology LTC4440-5 Datasheet HTML 3Page - Linear Technology LTC4440-5 Datasheet HTML 4Page - Linear Technology LTC4440-5 Datasheet HTML 5Page - Linear Technology LTC4440-5 Datasheet HTML 6Page - Linear Technology LTC4440-5 Datasheet HTML 7Page - Linear Technology LTC4440-5 Datasheet HTML 8Page - Linear Technology LTC4440-5 Datasheet HTML 9Page - Linear Technology LTC4440-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC4440-5
44405fa
TI I G DIAGRA
VIH
90%
10%
tr
INPUT (INP)
OUTPUT (TG)
INPUT RISE/FALL TIME < 10ns
VIL
tf
tPLH
4440 TD
tPHL
BLOCK DIAGRA
BOOST
TS
GND
TG
BOOST
44405 BD
VIN
UP TO 60V,
TRANSIENT
UP TO 80V
TS
UNDERVOLTAGE
LOCKOUT
LEVEL SHIFTER
VCC
4V TO 15V
GND
INP
Exposed Pad MS8E Package
INP (Pin 1): Input Signal. TTL/CMOS compatible input
referenced to GND (Pin 2).
GND (Pins 2, 4): Chip Ground.
VCC (Pin 3): Chip Supply. This pin powers the internal low
side circuitry. A low ESR ceramic bypass capacitor should
be tied between this pin and the GND pin (Pin 2).
NC (Pin 5): No Connect. No connection required. For
convenience, this pin may be tied to Pin 6 (BOOST) on the
application board.
BOOST (Pin 6): High Side Bootstrapped Supply. An exter-
nal capacitor should be tied between this pin and TS
(Pin 8). Normally, a bootstrap diode is connected between
VCC (Pin 3) and this pin. Voltage swing at this pin is from
VCC – VD to VIN + VCC – VD, where VD is the forward voltage
drop of the bootstrap diode.
TG (Pin 7): High Current Gate Driver Output (Top Gate).
This pin swings between TS and BOOST.
TS (Pin 8): Top (High Side) source connection or GND if
used in ground referenced applications.
Exposed Pad (Pin 9): Ground. Must be electrically con-
nected to Pins 2 and 4 and soldered to PCB ground for
optimum thermal performance.
PI FU CTIO S


Similar Part No. - LTC4440-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4440-5 LINER-LTC4440-5 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440-5 AD-LTC4440-5 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
LTC4440-5 AD-LTC4440-5 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
   High Speed, High Voltage, High Side Gate Driver
More results

Similar Description - LTC4440-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_15 Datasheet
221Kb / 16P
   High Speed, High Voltage High Side Gate Driver
LTC4440A-5 LINER-LTC4440A-5 Datasheet
363Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
logo
Rohm
BM60210FV-C ROHM-BM60210FV-C Datasheet
1Mb / 27P
   High Voltage High & Low-side, Gate Driver
BS2103F ROHM-BS2103F Datasheet
895Kb / 24P
   High voltage High & Low-side, Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
Rohm
BS2114F ROHM-BS2114F Datasheet
876Kb / 23P
   600V High voltage High & Low-side, Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com