Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4444IMS8E-5-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4444IMS8E-5-PBF
Description  High Voltage Synchronous N-Channel MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444IMS8E-5-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4444IMS8E-5-PBF Datasheet HTML 4Page - Linear Technology LTC4444IMS8E-5-PBF Datasheet HTML 5Page - Linear Technology LTC4444IMS8E-5-PBF Datasheet HTML 6Page - Linear Technology LTC4444IMS8E-5-PBF Datasheet HTML 7Page - Linear Technology LTC4444IMS8E-5-PBF Datasheet HTML 8Page - Linear Technology LTC4444IMS8E-5-PBF Datasheet HTML 9Page - Linear Technology LTC4444IMS8E-5-PBF Datasheet HTML 10Page - Linear Technology LTC4444IMS8E-5-PBF Datasheet HTML 11Page - Linear Technology LTC4444IMS8E-5-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4444-5
8
44445fa
OPERATION
Output Stage
A simplified version of the LTC4444-5’s output stage is
shown in Figure 1. The pull-up devices on the BG and
TG outputs are NPN bipolar junction transistors (Q1 and
Q2). The BG and TG outputs are pulled up to within an
NPN VBE (~0.7V) of their positive rails (VCC and BOOST,
respectively).BothBGandTGhaveN-channelMOSFETpull-
down devices (M1 and M2) which pull BG and TG down to
their negative rails, GND and TS. The large voltage swing of
the BG and TG output pins is important in driving external
power MOSFETs, whose RDS(ON) is inversely proportional
to the gate overdrive voltage (VGS − VTH).
Rise/Fall Time
The LTC4444-5’s rise and fall times are determined by the
peak current capabilities of Q1 and M1. The predriver that
drives Q1 and M1 uses a nonoverlapping transition scheme
to minimize cross-conduction currents. M1 is fully turned
off before Q1 is turned on and vice versa.
Since the power MOSFET generally accounts for the
majority of the power loss in a converter, it is important to
quickly turn it on or off, thereby minimizing the transition
time in its linear region. An additional benefit of a strong
pull-down on the driver outputs is the prevention of cross-
conduction current. For example, when BG turns the low
side (synchronous) power MOSFET off and TG turns the
high side power MOSFET on, the voltage on the TS pin
will rise to VIN very rapidly. This high frequency positive
voltage transient will couple through the CGD capacitance
of the low side power MOSFET to the BG pin. If there is
an insufficient pull-down on the BG pin, the voltage on
the BG pin can rise above the threshold voltage of the low
side power MOSFET, momentarily turning it back on. With
both the high side and low side MOSFETs conducting,
significant cross-conduction current will flow through the
MOSFETs from VIN to ground and will cause substantial
power loss. A similar effect occurs on TG due to the CGS
and CGD capacitances of the high side MOSFET.
The powerful output driver of the LTC4444-5 reduces the
switching losses of the power MOSFET, which increase
with transition time. The LTC4444-5’s high side driver is
Figure 1. Capacitance Seen by BG and TG During Switching
capable of driving a 1nF load with 8ns rise and 5ns fall
times using a bootstrapped supply voltage VBOOST-TS of
12V while its low side driver is capable of driving a 1nF
load with 6ns rise and 3ns fall times using a supply voltage
VCC of 12V.
Undervoltage Lockout (UVLO)
The LTC4444-5 contains an undervoltage lockout detector
that monitors VCC supply. When VCC falls below 3.55V,
the output pins BG and TG are pulled down to GND and
TS, respectively. This turns off both external MOSFETs.
When VCC has adequate supply voltage, normal operation
will resume.
Adaptive Shoot-Through Protection
Internal adaptive shoot-through protection circuitry moni-
tors the voltages on the external MOSFETs to ensure that
they do not conduct simultaneously. This feature improves
efficiency by eliminating cross-conduction current from
flowing from the VIN supply through both of the MOSFETs
to ground during a switch transition. The adaptive shoot-
through protection circuitry also monitors the level of the
TS pin. If the TS pin stays high, BG will be turned on 150ns
after TG is turned off.
6
BOOST
LTC4444-5
8
TS
TG
7
VIN
UP TO 100V
Q1
M1
CGS
CGD
3
VCC
9
GND
4
BG
Q2
M2
LOW SIDE
POWER
MOSFET
HIGH SIDE
POWER
MOSFET
CGS
CGD
LOAD
INDUCTOR


Similar Part No. - LTC4444IMS8E-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4444IMS8E-PBF LINER-LTC4444IMS8E-PBF Datasheet
189Kb / 12P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444IMS8E-TRPBF LINER-LTC4444IMS8E-TRPBF Datasheet
189Kb / 12P
   High Voltage Synchronous N-Channel MOSFET Driver
More results

Similar Description - LTC4444IMS8E-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4444 LINER-LTC4444 Datasheet
189Kb / 12P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444-5 LINER-LTC4444-5_15 Datasheet
179Kb / 14P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444 LINER-LTC4444_15 Datasheet
180Kb / 14P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
logo
Richtek Technology Corp...
RT9628A RICHTEK-RT9628A Datasheet
171Kb / 12P
   High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
logo
Intersil Corporation
ISL6209 INTERSIL-ISL6209 Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6206 RENESAS-ISL6206 Datasheet
392Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com