Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4443IDD-1-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4443IDD-1-PBF
Description  High Speed Synchronous N-Channel MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4443IDD-1-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4443IDD-1-PBF Datasheet HTML 4Page - Linear Technology LTC4443IDD-1-PBF Datasheet HTML 5Page - Linear Technology LTC4443IDD-1-PBF Datasheet HTML 6Page - Linear Technology LTC4443IDD-1-PBF Datasheet HTML 7Page - Linear Technology LTC4443IDD-1-PBF Datasheet HTML 8Page - Linear Technology LTC4443IDD-1-PBF Datasheet HTML 9Page - Linear Technology LTC4443IDD-1-PBF Datasheet HTML 10Page - Linear Technology LTC4443IDD-1-PBF Datasheet HTML 11Page - Linear Technology LTC4443IDD-1-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC4443/LTC4443-1
10
4443fa
APPLICATIONS INFORMATION
TYPICAL APPLICATION
LTC7510/LTC4443-1 12V to 1.5V/30A Digital Step-Down DC/DC Converter with PMBus Serial Interface
Bypassing and Grounding
The LTC4443 requires proper bypassing on the VLOGIC, VCC
and VBOOST – TS supplies due to its high speed switching
(nanoseconds) and large AC currents (Amperes). Careless
component placement and PCB trace routing may cause
excessive ringing and undershoot/overshoot.
To obtain the optimum performance from the LTC4443:
A. Mount the bypass capacitors as close as possible
between the VLOGIC and GND pins, the VCC and GND
pins, and the BOOST and TS pins. The leads should
be shortened as much as possible to reduce lead
inductance.
B. Use a low inductance, low impedance ground plane
to reduce any ground drop and stray capacitance.
Remember that the LTC4443 switches greater than
5A peak currents and any significant ground drop will
degrade signal integrity.
C. Plan the power/ground routing carefully. Know where
the large load switching current is coming from and
going to. Maintain separate ground return paths for
the input pin and the output power stage.
D. Keep the copper trace between the driver output pin
and the load short and wide.
E. Be sure to solder the Exposed Pad on the back side of
the LTC4443 packages to the board. Correctly soldered
to a double-sided copper board, the LTC4443 has a
thermal resistance of approximately 43°C/W. Failure
to make good thermal contact between the exposed
back side and the copper board will result in thermal
resistances far greater.
TG
BOOST
C5
0.22μF
M1
RJK0305
2
M2
RJK0301
2
VOUT
330μF
6
4443 TA02
L1
0.3μH
R3
C6
GND
TS
VLOGIC
VCC
LTC4443-1
BG
IN
C4
C3
1μF
R2
+
C2
C1
1k
RSENSE
RCM
D1
R1
LOAD
RTN
V12SEN
SDATA
SCLK
SMB_AL_N
PWRGD
OUTEN
SYNC_IN
SYNC_OUT
FAULT1
FAULT2
IOUT/ISH
ISH_GND
VCC
PMBus
INTERFACE
VD33
VD25
7V DRIVE
12V
5V
GND
LTC7510
PWM
TEMPSEN
RESET_N
ISENN
ISENP
VSENP
VSENN
SADDR
VSET
FSET
VTRIM
IMAXSET
1k
1k
1k
1k
POWER
MANAGEMENT
INTERFACE
MULTIPHASE
INTERFACE
FAULT
OUTPUTS
I-SHARE
+


Similar Part No. - LTC4443IDD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
212Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4440 LINER-LTC4440 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440 AD-LTC4440 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
More results

Similar Description - LTC4443IDD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com