Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4446EMS8E-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4446EMS8E-PBF
Description  High Voltage High Side/Low Side N-Channel MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4446EMS8E-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4446EMS8E-PBF Datasheet HTML 4Page - Linear Technology LTC4446EMS8E-PBF Datasheet HTML 5Page - Linear Technology LTC4446EMS8E-PBF Datasheet HTML 6Page - Linear Technology LTC4446EMS8E-PBF Datasheet HTML 7Page - Linear Technology LTC4446EMS8E-PBF Datasheet HTML 8Page - Linear Technology LTC4446EMS8E-PBF Datasheet HTML 9Page - Linear Technology LTC4446EMS8E-PBF Datasheet HTML 10Page - Linear Technology LTC4446EMS8E-PBF Datasheet HTML 11Page - Linear Technology LTC4446EMS8E-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4446
8
4446f
OPERATION
both the high side and low side MOSFETs conducting,
significant cross-conduction current will flow through the
MOSFETs from VIN to ground and will cause substantial
power loss. A similar effect occurs on TG due to the CGS
and CGD capacitances of the high side MOSFET.
The powerful output driver of the LTC4446 reduces the
switching losses of the power MOSFET, which increase
with transition time. The LTC4446’s high side driver is
capable of driving a 1nF load with 8ns rise and 5ns fall
times using a bootstrapped supply voltage VBOOST-TS of
12V while its low side driver is capable of driving a 1nF
Power Dissipation
To ensure proper operation and long-term reliability, the
LTC4446 must not operate beyond its maximum tem-
perature rating. Package junction temperature can be
calculated by:
TJ = TA + PD JA)
where:
TJ = Junction temperature
TA = Ambient temperature
PD = Power dissipation
θJA = Junction-to-ambient thermal resistance
Power dissipation consists of standby and switching
power losses:
PD = PDC + PAC + PQG
where:
PDC = Quiescent power loss
PAC = Internal switching loss at input frequency, fIN
PQG = Loss due turning on and off the external MOSFET
with gate charge QG at frequency fIN
load with 6ns rise and 3ns fall times using a supply volt-
age VCC of 12V.
Undervoltage Lockout (UVLO)
The LTC4446 contains an undervoltage lockout detector
that monitors VCC supply. When VCC falls below 6.15V,
the output pins BG and TG are pulled down to GND and
TS, respectively. This turns off both external MOSFETs.
When VCC has adequate supply voltage, normal operation
will resume.
APPLICATIONS INFORMATION
The LTC4446 consumes very little quiescent current. The
DC power loss at VCC = 12V and VBOOST-TS = 12V is only
(350μA)(12V) = 4.2mW.
At a particular switching frequency, the internal power loss
increases due to both AC currents required to charge and
discharge internal node capacitances and cross-conduc-
tion currents in the internal logic gates. The sum of the
quiescent current and internal switching current with no
load are shown in the Typical Performance Characteristics
plot of Switching Supply Current vs Input Frequency.
The gate charge losses are primarily due to the large AC
currents required to charge and discharge the capacitance
of the external MOSFETs during switching. For identical
pure capacitive loads CLOAD on TG and BG at switching
frequency fIN, the load losses would be:
PCLOAD = (CLOAD)(f)[(VBOOST-TS)2 + (VCC)2]
In a typical synchronous buck configuration, VBOOST-TS
is equal to VCC – VD, where VD is the forward voltage
drop across the diode between VCC and BOOST. If this
drop is small relative to VCC, the load losses can be
approximated as:
PCLOAD = 2(CLOAD)(fIN)(VCC)2


Similar Part No. - LTC4446EMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4446 LINER-LTC4446 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4446 AD-LTC4446 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
LTC4446 AD-LTC4446 Datasheet
686Kb / 19P
   100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
Rev 0
logo
Linear Technology
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
   High Voltage High Side/ Low Side N-Channel MOSFET Driver
More results

Similar Description - LTC4446EMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
   High Voltage High Side/ Low Side N-Channel MOSFET Driver
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390_12 Datasheet
725Kb / 26P
   High-voltage high/low-side driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com