Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4443IDD-1-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4443IDD-1-TRPBF
Description  High Speed Synchronous N-Channel MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4443IDD-1-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4443IDD-1-TRPBF Datasheet HTML 1Page - Linear Technology LTC4443IDD-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC4443IDD-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC4443IDD-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC4443IDD-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC4443IDD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC4443IDD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4443IDD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4443IDD-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4443/LTC4443-1
1
4443fa
n Integrated Schottky Diode
n Wide VCC Range: 6V to 9.5V
n 38V Maximum Input Supply Voltage
n Adaptive Shoot-Through Protection
n 2.4A Peak Pull-Up Current
n 5A Peak Pull-Down Current
n 8ns TG Fall Time Driving 3000pF Load
n 12ns TG Rise Time Driving 3000pF Load
n Separate Supply to Match PWM Controller
n Drives Dual N-Channel MOSFETs
n Undervoltage Lockout
n Low Profile (0.75mm) 3mm
× 3mm DFN Package
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Speed Synchronous
N-Channel MOSFET Drivers
The LTC
®4443isahighfrequencygatedriverwithintegrated
bootstrap Schottky diode designed to drive two N-channel
MOSFETsinasynchronousbuckDC/DCconvertertopology.
The powerful driver capability reduces switching losses
in MOSFETs with high gate capacitance.
The LTC4443 features a separate supply for the input logic
to match the signal swing of the controller IC. If the input
signal is not being driven, the LTC4443 activates a shutdown
mode that turns off both external MOSFETs. The input
logic signal is internally level-shifted to the bootstrapped
supply, which may function at up to 42V above ground.
The Schottky diode required for the bootstrapped supply
is integrated to simplify layout and reduce parts count.
The LTC4443 contains undervoltage lockout circuits on
both the driver and logic supplies that turn off the external
MOSFETs when an undervoltage condition is present.
The LTC4443 and LTC4443-1 have different undervoltage
lockout thresholds to accommodate a wide variety of ap-
plications. An adaptive shoot-through protection feature is
also built-in to prevent power loss resulting from MOSFET
cross-conduction current.
The LTC4443/LTC4443-1 are available in a tiny 3mm
×
3mm DFN package.
Synchronous Buck Converter Driver
n Distributed Power Architectures
n High Density Power Modules
LTC4443 Driving 3000pF Capacitive Loads
TG
BOOST
VIN
32V
GND
TS
VLOGIC
VCC LTC4443
BG
PWM
VCC
6V
IN
VOUT
4443 TA01a
INPUT (IN)
5V/DIV
BOTTOM
GATE (BG)
5V/DIV
TOP GATE
(TG-TS)
5V/DIV
10ns/DIV
4443 TA01b
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4443IDD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
212Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4440 LINER-LTC4440 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440 AD-LTC4440 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
More results

Similar Description - LTC4443IDD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com