Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4558EUD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4558EUD
Description  Dual SIM/Smart Card Power Supply and Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4558EUD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4558EUD Datasheet HTML 4Page - Linear Technology LTC4558EUD Datasheet HTML 5Page - Linear Technology LTC4558EUD Datasheet HTML 6Page - Linear Technology LTC4558EUD Datasheet HTML 7Page - Linear Technology LTC4558EUD Datasheet HTML 8Page - Linear Technology LTC4558EUD Datasheet HTML 9Page - Linear Technology LTC4558EUD Datasheet HTML 10Page - Linear Technology LTC4558EUD Datasheet HTML 11Page - Linear Technology LTC4558EUD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4558
8
4558f
OPERATION
The LTC4558 features two independent SIM/Smart Card
channels. Only one of these channels may be open for
communication at a time however both channels can be
enabled and made ready for communication using the
ENABLEA and ENABLEB pins. This allows faster transi-
tion from one channel to the other. Each channel is able
to produce two voltage levels, 1.8V and 3V. The channel
selection and voltage selection are controlled by the CSEL,
VSELA and VSELB pins as shown in the table below:
Bidirectional Channels
The bidirectional channels are level shifted to the appro-
priate VCCA,B voltages at the I/OA,B pins. An NMOS pass
transistor performs the level shifting. The gate of the NMOS
transistor is biased such that the transistor is completely
off when both sides have relinquished the channel. If one
side of the channel asserts a LOW, then the transistor will
convey the LOW to the other side. Note that current passes
from the receiving side of the channel to the transmitting
side. The low output voltage of the receiving side will be
dependent upon the voltage at the transmitting side plus
the IR drop of the pass transistor.
When a card socket is selected, it becomes a candidate
to drive data on the DATA pin and likewise receive data
from the DATA pin. When a card socket is deselected, its
I/O pin will be pulled HIGH and communication with the
DATA pin will be disabled. If both channels are disabled,
a weak pull-up ensures that the DATA pin is held HIGH,
as long as DVCC is powered.
Dynamic Pull-Up Current Sources
The current sources on the bidirectional pins (DATA,I/OA,B)
are dynamically activated to achieve a fast rise time with
a relatively small static current. Once a bidirectional pin
is relinquished, a small start-up current begins to charge
the node. An edge rate detector determines if the pin is
released by comparing its slew rate with an internal refer-
ence value. If a valid transition is detected, a large pull-up
current enhances the edge rate on the node. The higher
slew rate corroborates the decision to charge the node
thereby affecting a dynamic form of hysteresis.
Reset Channels
When a card is selected, the reset channel provides a level
shifted path from the RSTIN pin to the RST pin of the
selected card. When a card is deselected, the last state of
the RSTA,B pin is latched. This allows a deselected card to
remain active, and therefore eliminates delays associated
with card initialization.
Clock Run Mode
Various SIM/Smart Cards may have different requirements
for the state of the clock pin when the channel is not open
for communication. The CLKRUNA,B pins allow the user to
select whether the clock is brought LOW after the channel
is deselected or allowed to run. If a channel is enabled,
bringing its CLKRUN pin HIGH will transmit the clock to
the corresponding card socket, whether or not the channel
is selected using the CSEL.
Figure 1. Dynamic Pull-Up Current Source
Table 1. Channel and Voltage Truth Table
CSEL
VSELA
VSELB
SELECTED
CARD
VOLTAGES
A
B
0
0
0
A
1.8V
1.8V
0
0
1
A
1.8V
3V
0
1
0
A
3V
1.8V
011
A
3V
3V
1
0
0
B
1.8V
1.8V
1
0
1
B
1.8V
3V
1
1
0
B
3V
1.8V
111
B
3V
3V
VREF
4558 F01
ISTART
BIDIRECTIONAL
PIN
LOCAL
SUPPLY
dv
dt
+


Similar Part No. - LTC4558EUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4558 LINER-LTC4558 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results

Similar Description - LTC4558EUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
   SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
   SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Texas Instruments
TXS4558 TI1-TXS4558 Datasheet
755Kb / 18P
[Old version datasheet]   Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com