Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5535 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5535 Datasheet(HTML) 4 Page - Linear Technology

  LTC5535 Datasheet HTML 1Page - Linear Technology LTC5535 Datasheet HTML 2Page - Linear Technology LTC5535 Datasheet HTML 3Page - Linear Technology LTC5535 Datasheet HTML 4Page - Linear Technology LTC5535 Datasheet HTML 5Page - Linear Technology LTC5535 Datasheet HTML 6Page - Linear Technology LTC5535 Datasheet HTML 7Page - Linear Technology LTC5535 Datasheet HTML 8Page - Linear Technology LTC5535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC5535
4
5535f
TYPICAL PERFOR A CE CHARACTERISTICS (R
LOAD = 1k = RA + RB)
VOUT vs RF Input Power and VCC,
2000MHz, Gain = 2, VOS = 0V,
TA = 25°C
Typical Detector Characteristics,
7000MHz, Gain = 2, VOS = 0V
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G10
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C
RF INPUT POWER (dBm)
–28
3600
4400
5200
4
5535 G11
2800
1200
3200
4000
4800
2000
400
1600
2400
800
0
–20
–12
–4
–24
–32
8
–16
–8
0
12
VCC = 6V
VCC = 5V
VCC = 4V
VCC = 3V
VOUT vs RF Input Power and VOS,
2000MHz, Gain = 2
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G12
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 25°C
VOS = 1V
VOS = 0V
VOS = 0.5V
Typical Detector Characteristics,
2000MHz, Gain = 4, VOS = 0V
RF INPUT POWER (dBm)
–32
800
3200
4000
3600
–20 –16
–8
0
–4
5535 G13
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C
Time Domain Response at
fRF = 1900MHz, PRF = 0dBm
ASK
MODULATION
SIGNAL
500mV/DIV
OUTPUT
500mV/DIV
TA = 25°C
100ns/DIV
5535 G14
VCC = 3.6V
GAIN = 2
VOS = 0V
Time Domain Response at
fRF = 1900MHz, PRF = –10dBm
ASK
MODULATION
SIGNAL
100mV/DIV
OUTPUT
200mV/DIV
TA = 25°C
100ns/DIV
5535 G15
VCC = 3.6V
GAIN = 2
VOS = 0V


Similar Part No. - LTC5535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5535 LINER-LTC5535 Datasheet
243Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
More results

Similar Description - LTC5535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5536 LINER-LTC5536 Datasheet
165Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5536 LINER-LTC5536_15 Datasheet
170Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com