Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6084 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6084
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6084 Datasheet(HTML) 5 Page - Linear Technology

  LTC6084 Datasheet HTML 1Page - Linear Technology LTC6084 Datasheet HTML 2Page - Linear Technology LTC6084 Datasheet HTML 3Page - Linear Technology LTC6084 Datasheet HTML 4Page - Linear Technology LTC6084 Datasheet HTML 5Page - Linear Technology LTC6084 Datasheet HTML 6Page - Linear Technology LTC6084 Datasheet HTML 7Page - Linear Technology LTC6084 Datasheet HTML 8Page - Linear Technology LTC6084 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6084/LTC6085
5
60845f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 5V, V= 0V, VCM = 0.5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
C SUFFIX
H SUFFIX
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection
Ratio
0 ≤ VCM ≤ 5V
l
70
68
84
70
66
84
dB
dB
PSRR
Power Supply Rejection
Ratio
VS = 2.5V to 5.5V
l
94
91
115
94
89
115
dB
dB
VOUT
Output Voltage, High,
(Referred to V+)
No Load
ISOURCE = 1mA
ISOURCE = 5mA
l
l
l
0.5
39
220
5
85
460
0.5
39
220
10
100
mV
mV
mV
Output Voltage, Low,
(Referred to V)
No Load
ISINK = 1mA
ISINK = 5mA
l
l
l
0.5
36
200
5
85
460
0.5
36
200
10
100
mV
mV
mV
AVOL
Large-Signal Voltage Gain RLOAD = 10k
l
1000
400
5000
1000
300
5000
V/mV
V/mV
ISC
Output Short-Circuit
Current
Source and Sink
l
7.7
6
12.5
7.7
4.5
12.5
mA
mA
SR
Slew Rate
AV = 1
0.5
0.5
V/μs
GBW
Gain Bandwidth Product
(fTEST = 10kHz)
RLOAD = 50k
l
0.9
0.7
1.5
0.9
0.6
1.5
MHz
Φ0
Phase Margin
RL = 10k, CL = 150pF, AV = 1
45
45
Deg
tS
Settling Time 0.1%
VSTEP = 1V, AV = 1
5
5
μs
IS
Supply Current
(Per Amplifier)
No Load
l
110
130
140
110
130
145
μA
μA
Shutdown Current
(Per Amplifier)
Shutdown, VSHDNx ≤ 1.2V
l
1.1
1.8
1.1
2
μA
VS
Supply Voltage Range
Guaranteed by the PSRR Test
l
2.5
5.5
2.5
5.5
V
Channel Separation
fS = 10kHz
–120
–120
dB
Shutdown Logic
SHDNx High
SHDNx Low
3.5
1.2
3.5
1.2
V
V
tON
Turn On Time
VSHDNx = 1.2V to 3.5V
7
7
μs
tOFF
Turn Off Time
VSHDNx = 3.5V to 1.2V
1
1
μs
Leakage of SHDN Pin
VSHDNx = 0V
l
0.5
0.9
0.5
1.2
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum. This depends on the power supply voltage
and the total output current.
Note 3: The LTC6084C/LTC6085C are guaranteed functional over the
operating temperature range of –40°C to 85°C. The LTC6084H/LTC6085H
are guaranteed functional over the operating temperature range of –40°C
to 125°C.
Note 4: The LTC6084C/LTC6085C are guaranteed to meet specified
performance from 0°C to 70°C. The LTC6084C/LTC6085C are designed,
characterized and expected to meet specified performance from –40°C
to 85°C but are not tested or QA sampled at these temperatures. The
LTC6084H/LTC6085H are guaranteed to meet specified performance from
–40°C to 125°C.
Note 5: ESD (Electrostatic Discharge) sensitive device. ESD protection
devices are used extensively internal to the LTC6084/LTC6085; however,
high electrostatic discharge can damage or degrade the device. Use proper
ESD handling precautions.
Note 6: This parameter is not 100% tested.
Note 7: This specification is limited by high speed automated test
capability. See Typical Performance Characteristic curves for actual
performance.
Note 8: Current noise is calculated from in = √2qIB, where q = 1.6 • 10–19
coulombs.


Similar Part No. - LTC6084

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6084 LINEAR-LTC6084 Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6084 LINER-LTC6084 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Integrated Syste...
LTC6084CDD LINEAR-LTC6084CDD Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
LTC6084CMS8 LINEAR-LTC6084CMS8 Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
More results

Similar Description - LTC6084

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6084 LINER-LTC6084_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com