Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6087CDD-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6087CDD-PBF
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6087CDD-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6087CDD-PBF Datasheet HTML 6Page - Linear Technology LTC6087CDD-PBF Datasheet HTML 7Page - Linear Technology LTC6087CDD-PBF Datasheet HTML 8Page - Linear Technology LTC6087CDD-PBF Datasheet HTML 9Page - Linear Technology LTC6087CDD-PBF Datasheet HTML 10Page - Linear Technology LTC6087CDD-PBF Datasheet HTML 11Page - Linear Technology LTC6087CDD-PBF Datasheet HTML 12Page - Linear Technology LTC6087CDD-PBF Datasheet HTML 13Page - Linear Technology LTC6087CDD-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC6087/LTC6088
10
60878fb
APPLICATIONS INFORMATION
Rail-to-Rail Output
The output stage of the LTC6087/LTC6088 swings within
30mV of the supply rails when driving high impedance
loads, in other words when no DC load current is present.
See the Typical Performance Characteristics for curves of
output swing versus load current. The class AB design of
the output stage enables the op amp to supply load cur-
rents which are much greater than the quiescent supply
current. For example, the room temperature short circuit
current is typically 45mA.
Capacitive Load
LTC6087/LTC6088 can drive capacitive load up to 100pF in
unity gain. The capacitive load driving capability increases
as the amplifier is used in higher gain configurations. A
small series resistance between the output and the load
further increases the amount of capacitance the amplifier
can drive.
SHDN Pins
Pins 5 and 6 are used for power shutdown when the
LTC6087 is in the DD package. If they are floating, internal
current sources pull Pins 5 and 6 to V+ and the amplifiers
operate normally. In shutdown the amplifier output is
high impedance and each amplifier draws less than 5μA
current. This feature allows the part to be used in muxed
output applications as shown in Figure 3.
ESD
The LTC6087/LTC6088 has reverse-biased ESD protection
diodes on all inputs and outputs as shown in the Simplified
Schematic. If these pins are forced beyond either supply,
unlimited current will flow through these diodes. If the
current is transient and limited to one hundred milliamps
or less, no damage to the device will occur.
The amplifier input bias current is the leakage current of
these ESD diodes. This leakage is a function of the tem-
perature and common mode voltage of the amplifier, as
shown in the Typical Performance Characteristics.
Noise
In the frequency region above 1kHz, the LTC6087/LTC6088
shows good noise voltage performance. In this region,
noise can be dominated by the total source resistance of the
particular application. Specifically, these amplifiers exhibit
the noise of a 10k resistor, meaning it is desirable to keep
the source and feedback resistance at or below this value,
i.e., RS + RG||RFB ≤ 10k. Above this total source impedance,
the noise voltage is dominated by the resistor.
At low frequency, noise current can be estimated from the
expression in = √2qIB, where q = 1.6 • 10–19 coulombs.
Equating √4kTRΔf and R√2qIBΔf shows that for source
resistor below 50G
Ω the amplifier noise is dominated by
the source resistance. Noise current rises with frequency.
See the curve Noise Current vs Frequency in the Typical
Performance Characteristics section.
Figure 3. Inverting Amplifier with Muxed Output
+
10k
10k
10k
10k
10pF
10pF
OUT
LTC6087
(DD PACKAGE)
SEL = 5V, OUT = –INA
SEL = 0V, OUT = –1NB
10k
10k
SHDN
A
SHDN
B
FAIRCHILD
NC7SZ04 OR
EQUIVALENT
5V
A
5V
INA
5V
10k
10k
5V
60878 F03
INB
SEL
+
B


Similar Part No. - LTC6087CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results

Similar Description - LTC6087CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com