Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6102 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6102
Description  Precision Zero Drift Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6102 Datasheet(HTML) 4 Page - Linear Technology

  LTC6102 Datasheet HTML 1Page - Linear Technology LTC6102 Datasheet HTML 2Page - Linear Technology LTC6102 Datasheet HTML 3Page - Linear Technology LTC6102 Datasheet HTML 4Page - Linear Technology LTC6102 Datasheet HTML 5Page - Linear Technology LTC6102 Datasheet HTML 6Page - Linear Technology LTC6102 Datasheet HTML 7Page - Linear Technology LTC6102 Datasheet HTML 8Page - Linear Technology LTC6102 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC6102/LTC6102HV
4
6102fb
ELECTRICAL CHARACTERISTICS (LTC6102HV) The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. RIN = 10Ω, ROUT = 10k, VSENSE+ = V+ (see Figure 1 for details),
V+ = 12V, V= 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
eN
Input Noise Voltage
0.1Hz to 10Hz
2
μVP-P
IS
Supply Current
V+ = 4V, IOUT = 0, RIN = 10k, ROUT = 100k
V+ = 6V, IOUT = 0, RIN = 10k, ROUT = 100k
V+ = 12V, IOUT = 0, RIN = 10k, ROUT = 100k
V+ = 60V, IOUT = 0, RIN = 10k, ROUT = 100k
LTC6102C, LTC6102I
LTC6102H
l
l
l
l
l
275
290
300
420
400
475
425
500
450
525
575
650
675
μA
μA
μA
μA
μA
μA
μA
μA
μA
fS
Sampling Frequency
10
kHz
V+
Supply Voltage Range
5
100
V
VOS
Input Offset Voltage
(Note 3)
Input Offset Voltage
(Note 4)
VSENSE = 100μV
6V ≤ V+ ≤ 100V
V+ = 5V
6V ≤ V+ ≤ 100V
V+ = 5V
3
5
3
5
10
25
35
50
μV
μV
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift (Note 3)
VSENSE = 100μV
LTC6102HVC, LTC6102HVI
LTC6102HVH
l
l
25
25
50
75
nV/°C
nV/°C
IB
Input Bias Current (Note 5)
RIN = 40k, VSENSE = 2mV
LTC6102HVC, LTC6102HVI
LTC6102HVH
l
l
60
3
20
pA
nA
nA
PSRR
Power Supply Rejection Ratio
VSENSE = 100μV
V+ = 6V to 100V
V+ = 5V to 100V
l
l
130
125
120
115
150
140
dB
dB
dB
dB
VSENSE(MAX) Input Sense Voltage Full Scale
(V+ – V+IN)
Error <1%, RIN = 10k, ROUT = 10k
6V ≤ V+ ≤ 100V
V+ = 5V
l
l
2
1
V
V
VOUT
Maximum Output Voltage
VSENSE = 2mV, ROUT = 100k
12V ≤ V+ ≤ 100V
V+ = 5V
l
l
8
3
V
V
IOUT
Maximum Output Current
6V ≤ V+ ≤ 100V, RIN = 1k, ROUT = 1k, VSENSE = 1.1V
V+ = 5V, RIN = 10Ω, ROUT = 1k, VSENSE = 11mV
l
l
1
0.5
mA
mA
tr
Input Step Response (to 2.5V on a
5V Output Step)
ΔVSENSE = 100mV Transient, 6V ≤ V
+ ≤ 100V,
RIN = 100Ω, ROUT = 4.99k, IOUT = 100μA
V+ = 5V
1
1.5
μs
μs
BW
Signal Bandwidth
IOUT = 200μA, RIN = 100Ω, ROUT = 4.99k
IOUT = 1mA, RIN = 100Ω, ROUT = 4.99k
140
200
kHz
kHz
eN
Input Noise Voltage
0.1Hz to 10Hz
2
μVP-P
IS
Supply Current
V+ = 5V, IOUT = 0, RIN = 10k, ROUT = 100k
V+ = 6V, IOUT = 0, RIN = 10k, ROUT = 100k
V+ = 12V, IOUT = 0, RIN = 10k, ROUT = 100k
V+ = 100V, IOUT = 0, RIN = 10k, ROUT = 100k
LTC6102HVC, LTC6102HVI
LTC6102HVH
l
l
l
l
l
275
280
290
420
400
475
425
500
450
525
575
650
675
μA
μA
μA
μA
μA
μA
μA
μA
μA
fS
Sampling Frequency
10
kHz


Similar Part No. - LTC6102

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102 AD-LTC6102 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102HV AD-LTC6102HV Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
More results

Similar Description - LTC6102

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com