Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6084HDD-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6084HDD-PBF
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6084HDD-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6084HDD-PBF Datasheet HTML 4Page - Linear Technology LTC6084HDD-PBF Datasheet HTML 5Page - Linear Technology LTC6084HDD-PBF Datasheet HTML 6Page - Linear Technology LTC6084HDD-PBF Datasheet HTML 7Page - Linear Technology LTC6084HDD-PBF Datasheet HTML 8Page - Linear Technology LTC6084HDD-PBF Datasheet HTML 9Page - Linear Technology LTC6084HDD-PBF Datasheet HTML 10Page - Linear Technology LTC6084HDD-PBF Datasheet HTML 11Page - Linear Technology LTC6084HDD-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6084/LTC6085
8
60845f
TYPICAL PERFORMANCE CHARACTERISTICS
Capacitive Load Handling
Channel Separation vs Frequency
Total Harmonic Distortion and
Noise vs Frequency
Total Harmonic Distortion and
Noise vs Frequency
Total Harmonic Distortion and
Noise vs Output Voltage
Total Harmonic Distortion and
Noise vs Load Resistance
CAPACITIVE LOAD (pF)
60845 G17
50
20
15
10
5
25
30
35
40
45
0
10
100
1000
10000
VS = 5V
VCM = 2.5V
AV = –1
RS = 10Ω
RS = 50Ω
RS
CL
1k
1k
FREQUENCY (MHz)
60845 G19
–90
–105
–100
–130
–125
–120
–115
–110
–95
–135
0.001
1
10
0.1
0.01
VS = 5V
VCM = 2.5V
TA = 25°C
FREQUENCY (kHz)
60845 G20
1
0.1
0.01
0.001
0.01
10
100
1
0.1
VS = 3V
VCM = 1.5V
RL = 10k
AV = 2, VIN = 1VP-P
AV = –2, VIN = 1VP-P
AV = 1,
VIN = 1VP-P
AV = 1, VIN = 2VP-P
FREQUENCY (kHz)
60845 G21
1
0.1
0.01
0.001
0.0001
0.01
10
100
1
0.1
VS = 5V
VCM = 2.5V
RL = 10k
AV = 2, VIN = 1VP-P
AV = –2, VIN = 1VP-P
AV = 1, VIN = 1VP-P
AV = 1, VIN = 2VP-P
OUTPUT VOLTAGE (VP-P)
60845 G22
10
1
0.1
0.01
0.001
0.0001
01
0.5
1.5
2.5
3.5
4.5
45
3
2
RL = 10k
VCM = VS/2
AV = 1
VS = 3V AT 20kHz
VS = 3V AT 1kHz
VS = 5V AT 20kHz
VS = 5V AT 1kHz
LOAD RESISTANCE TO GROUND (kΩ)
60845 G23
0.1
0.01
0.001
0.0001
0.1
10
100
1
AV = 1
VCM = VS/2 AT 1kHz
VS = 3V, VIN = 1VP-P
VS = 5V, VIN = 2VP-P
Small Signal Response
Small Signal Response
Large Signal Response
2μs/DIV
60845 G24
VS = 5V
AV = 1
RL = ∞
100mV/DIV
2μs/DIV
60845 G25
VS = 5V
AV = 1
RL = ∞
CL = 220pF
100mV/DIV
20μs/DIV
60845 G26
VS = 5V
AV = 1
RL = ∞
1V/DIV


Similar Part No. - LTC6084HDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6084HDD LINEAR-LTC6084HDD Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
More results

Similar Description - LTC6084HDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6084 LINER-LTC6084_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com