Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6084CMS8-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6084CMS8-TRPBF
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6084CMS8-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6084CMS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC6084CMS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC6084CMS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC6084CMS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC6084CMS8-TRPBF Datasheet HTML 11Page - Linear Technology LTC6084CMS8-TRPBF Datasheet HTML 12Page - Linear Technology LTC6084CMS8-TRPBF Datasheet HTML 13Page - Linear Technology LTC6084CMS8-TRPBF Datasheet HTML 14Page - Linear Technology LTC6084CMS8-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6084/LTC6085
11
60845f
APPLICATIONS INFORMATION
Figure 3. Inverting Amplifier with Muxed Output
+
10k
10k
10k
10k
OUT
LTC6084
(DD PACKAGE)
SEL = 5V, OUT = –INA
SEL = 0V, OUT = –INB
10k
10k
SHDN
A
SHDN
B
FAIRCHILD
NC7SZ04 OR
EQUIVALENT
5V
A
5V
INA
5V
10k
10k
5V
60845 F03
INB
SEL
+
B
SHDN Pins
Pins 5 and 6 are used for power shutdown of the LTC6084
in the DD package. If they are floating, internal current
sources pull pins 5 and 6 to V+ and the amplifiers operate
normally. In shutdown the amplifier output is high imped-
ance, and each amplifier draws less than 1μA current.
This feature allows the part to be used in muxed output
applications as shown in Figure 3.
ESD
The LTC6084/LTC6085 has reverse-biased ESD protection
diodes on all inputs and outputs as shown in the Simpli-
fied Schematic. If these pins are forced beyond either
supply, unlimited current will flow through these diodes.
If the current is transient and limited to 100mA or less,
no damage to the device will occur.
The amplifier input bias current is the leakage current of
these ESD diodes. This leakage is a function of the tem-
perature and common mode voltage of the amplifier, as
shown in the Typical Performance Characteristics.
Noise
In the frequency region above 1kHz, the LTC6084/LTC6085
shows good noise voltage performance. In this region,
noise can be dominated by the total source resistance of the
particular application. Specifically, these amplifiers exhibit
the noise of a 58k resistor, meaning it is desirable to keep
the source and feedback resistance at or below this value,
i.e., RS + RG||RFB ≤ 58k. Above this total source impedance,
the noise voltage is dominated by the resistors.
At low frequency, noise current can be estimated from the
expression in = √2qIB, where q = 1.6 • 10–19 coulombs.
Equating √4kTRΔf and R√2qIBΔf shows that for a source
resistor below 50GΩ the amplifier noise is dominated by
the source resistance. Noise current rises with frequency.
See the curve Input Noise Current vs Frequency in the
Typical Performance Characteristics section.


Similar Part No. - LTC6084CMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6084CMS8 LINEAR-LTC6084CMS8 Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
More results

Similar Description - LTC6084CMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6084 LINER-LTC6084_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com