Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6102IDD-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6102IDD-PBF
Description  Precision Zero Drift Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6102IDD-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC6102IDD-PBF Datasheet HTML 1Page - Linear Technology LTC6102IDD-PBF Datasheet HTML 2Page - Linear Technology LTC6102IDD-PBF Datasheet HTML 3Page - Linear Technology LTC6102IDD-PBF Datasheet HTML 4Page - Linear Technology LTC6102IDD-PBF Datasheet HTML 5Page - Linear Technology LTC6102IDD-PBF Datasheet HTML 6Page - Linear Technology LTC6102IDD-PBF Datasheet HTML 7Page - Linear Technology LTC6102IDD-PBF Datasheet HTML 8Page - Linear Technology LTC6102IDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC6102/LTC6102HV
3
6102fb
(LTC6102) The
l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. RIN = 10Ω, ROUT = 10k, VSENSE+ = V+ (see Figure 1 for details),
V+ = 12V, V= 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Supply Voltage Range
460
V
VOS
Input Offset Voltage
(Note 3)
Input Offset Voltage
(Note 4)
VSENSE = 100μV
6V ≤ V+ ≤ 60V
V+ = 4V
6V ≤ V+ ≤ 60V
V+ = 4V
3
5
3
5
10
25
35
50
μV
μV
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 3)
VSENSE = 100μV
LTC6102C, LTC6102I
LTC6102H
l
l
25
25
50
75
nV/°C
nV/°C
IB
Input Bias Current (Note 5)
RIN = 40k, VSENSE = 2mV
LTC6102C, LTC6102I
LTC6102H
l
l
60
3
20
pA
nA
nA
PSRR
Power Supply Rejection Ratio
VSENSE = 100μV
V+ = 6V to 60V
V+ = 4V to 60V
l
l
130
125
120
115
150
140
dB
dB
dB
dB
VSENSE(MAX) Input Sense Voltage Full Scale
(V+ – VIN+)
Error <1%, RIN = 10k, ROUT = 10k
6V ≤ V+ ≤ 60V
V+ = 4V
l
l
2
0.8
V
V
VOUT
Maximum Output Voltage
VSENSE = 2mV, ROUT = 100k
12V ≤ V+ ≤ 60V
V+ = 6V
V+ = 4V
l
l
l
8
3
1
V
V
V
IOUT
Maximum Output Current
6V ≤ V+ ≤ 60V, RIN = 1k, ROUT = 1k, VSENSE = 1.1V
V+ = 4V, RIN = 10Ω, ROUT = 1k, VSENSE = 11mV
l
l
1
0.5
mA
mA
tr
Input Step Response (to 2.5V on
a 5V Output Step)
ΔVSENSE = 100mV Transient, 6V ≤ V
+ ≤ 60V, RIN = 100Ω,
ROUT = 4.99k, IOUT = 100μA
V+ = 4V
1
1.5
μs
μs
BW
Signal Bandwidth
IOUT = 200μA, RIN = 100Ω, ROUT = 4.99k
IOUT = 1mA, RIN = 100Ω, ROUT = 4.99k
140
200
kHz
kHz
ELECTRICAL CHARACTERISTICS
ORDER INFORMATION
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6102HVCDD
LTC6102HVCDD#TR
LCVC
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6102HVIDD
LTC6102HVIDD#TR
LCVC
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6102HVHDD
LTC6102HVHDD#TR
LCVC
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6102CMS8
LTC6102CMS8#TR
LTCKJ
8-Lead Plastic MSOP
–40°C to 85°C
LTC6102IMS8
LTC6102IMS8#TR
LTCKJ
8-Lead Plastic MSOP
–40°C to 85°C
LTC6102HMS8
LTC6102HMS8#TR
LTCKJ
8-Lead Plastic MSOP
–40°C to 125°C
LTC6102HVCMS8
LTC6102HVCMS8#TR
LTCVB
8-Lead Plastic MSOP
–40°C to 85°C
LTC6102HVIMS8
LTC6102HVIMS8#TR
LTCVB
8-Lead Plastic MSOP
–40°C to 85°C
LTC6102HVHMS8
LTC6102HVHMS8#TR
LTCVB
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC6102IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102 AD-LTC6102 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102HV AD-LTC6102HV Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
More results

Similar Description - LTC6102IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com