Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6240CS5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6240CS5
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240CS5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6240CS5 Datasheet HTML 4Page - Linear Technology LTC6240CS5 Datasheet HTML 5Page - Linear Technology LTC6240CS5 Datasheet HTML 6Page - Linear Technology LTC6240CS5 Datasheet HTML 7Page - Linear Technology LTC6240CS5 Datasheet HTML 8Page - Linear Technology LTC6240CS5 Datasheet HTML 9Page - Linear Technology LTC6240CS5 Datasheet HTML 10Page - Linear Technology LTC6240CS5 Datasheet HTML 11Page - Linear Technology LTC6240CS5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6240/LTC6241/LTC6242
8
624012fc
(LTC6240HVC/I, LTC6241HVC/I, LTC6242HVC/I) The denotes the
specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, 0V, VCM = 0V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Output Voltage Swing High (Note 9)
No Load
ISOURCE = 1mA
ISOURCE = 10mA
15
45
360
30
75
550
mV
mV
mV
PSRR
Power Supply Rejection
VS = 2.8V to 11V, VCM = 0.2V
85
110
dB
PSRR Match
Channel-to-Channel (Note 5)
82
106
dB
Minimum Supply Voltage (Note 10)
2.8
V
ISC
Short-Circuit Current
15
35
mA
IS
Supply Current per Amplifier
LTC6241, LTC6242
0°C to 70°C
–40°C to 85°C
2.5
3.2
3.3
3.7
mA
mA
mA
LTC6240
0°C to 70°C
–40°C to 85°C
2.7
3.3
3.4
3.8
mA
mA
mA
GBW
Gain Bandwidth Product
Frequency = 20kHz, RL = 1kΩ
13
18
MHz
SR
Slew Rate (Note 11)
AV = –2, RL = 1kΩ
5.5
10
V/µs
FPBW
Full Power Bandwidth (Note 12)
VOUT = 3VP-P, RL = 1kΩ
0.58
1.06
MHz
ts
Settling Time
VSTEP = 2V, AV = –1, RL = 1kΩ, 0.1%
900
ns
(LTC6240H/LTC6240HVH, LTC6241H/LTC6241HVH, LTC6242H/LTC6242HVH) The denotes the specifications which apply from –40°C
to 125°C, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 4)
LTC6241 S8
40
125
400
µV
µV
LTC6242 GN
50
150
400
µV
µV
LTC6240
50
175
450
µV
µV
VOS Match Channel-to-Channel (Note 5) LTC6241 S8
40
160
400
µV
µV
LTC6242 GN
50
185
400
µV
µV
TC VOS
Input Offset Voltage Drift (Note 6)
0.7
2.5
µV/°C
IB
Input Bias Current (Notes 4, 7)
LTC6241, LTC6242
0.2
1.5
pA
nA
LTC6240
0.2
1
2.5
pA
nA
IOS
Input Offset Current (Notes 4, 7)
LTC6241, LTC6242
0.2
150
pA
pA
LTC6240
0.2
1
750
pA
pA
VCM
Input Voltage Range
Guaranteed by CMRR
0
3.5
V
CMRR
Common Mode Rejection
0V ≤ VCM ≤ 3.5V
78
dB
CMRR Match
Channel-to-Channel (Note 5)
74
dB
AVOL
Large Signal Voltage Gain
VO = 1V to 4V
RL = 10k to VS/2
425
200
1600
V/mV
V/mV
VO = 1.5V to 3.5V
RL = 1k to VS/2
90
40
215
V/mV
V/mV


Similar Part No. - LTC6240CS5

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results

Similar Description - LTC6240CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com