Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6088HGN-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6088HGN-PBF
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6088HGN-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC6088HGN-PBF Datasheet HTML 1Page - Linear Technology LTC6088HGN-PBF Datasheet HTML 2Page - Linear Technology LTC6088HGN-PBF Datasheet HTML 3Page - Linear Technology LTC6088HGN-PBF Datasheet HTML 4Page - Linear Technology LTC6088HGN-PBF Datasheet HTML 5Page - Linear Technology LTC6088HGN-PBF Datasheet HTML 6Page - Linear Technology LTC6088HGN-PBF Datasheet HTML 7Page - Linear Technology LTC6088HGN-PBF Datasheet HTML 8Page - Linear Technology LTC6088HGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6087/LTC6088
5
60878fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 5V, V= 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C SUFFIX
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
CMRR
Common Mode Rejection Ratio
0V ≤ VCM ≤ 5V
70
68
84
70
66
84
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 5.5V
93
90
115
93
85
115
dB
dB
VOUT
Output Voltage, High (Referred to V+)
No Load
ISOURCE = 1mA
ISOURCE = 5mA
5
20
110
15
50
190
5
20
110
20
50
210
mV
mV
mV
Output Voltage, Low (Referred to V)
No Load
ISINK = 1mA
ISINK = 5mA
5
20
110
25
50
200
5
20
110
30
60
220
mV
mV
mV
AVOL
Large-Signal Voltage Gain
RLOAD = 10k, 0.5V ≤ VOUT ≤ 4.5V
1000
500
6000
1000
50
6000
V/mV
V/mV
ISC
Output Short-Circuit Current
Source and Sink
28
25
45
28
22
45
mA
mA
SR
Slew Rate
AV = 1
7.2
7.2
V/μs
GBW
Gain Bandwidth Product (fTEST = 20kHz) RLOAD = 50k
10
9
14
10
8
14
MHz
MHz
Φ0
Phase Margin
RL = 10k, CL = 45pF, AV = 1
47
47
Deg
tS
Settling Time 0.1%
VSTEP = 2V, AV = –1, RL = 1k
0.8
0.8
μs
IS
Supply Current (per Amplifier)
No Load
1.05
1.05
1.25
1.30
1.05
1.05
1.25
1.40
mA
mA
Shutdown Current (per Amplifier)
Shutdown, VSHDNx ≤ 1.2V
2.3
5
2.3
5
μA
VS
Supply Voltage Range
Guaranteed by the PSRR Test
2.7
5.5
2.7
5.5
V
Channel Separation
fS = 10kHz
–120
–120
dB
Shutdown Logic
SHDNx High
SHDNx Low
3.5
1.2
3.5
1.2
V
V
tON
Turn-On Time
VSHDNx = 1.2V to 3.5V
6
6
μs
tOFF
Turn-Off Time
VSHDNx = 3.5V to 1.2V
2
2
μs
Leakage of SHDN Pin
VSHDNx = 0V
0.4
1
0.4
1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum. This depends on the power supply voltage
and the total output current.
Note 3: The LTC6087C/LTC6088C are guaranteed functional over the
operating temperature range of –40°C to 85°C. The LTC6087H/LTC6088H
are guaranteed functional over the operating temperature range of –40°C
to 125°C.
Note 4: The LTC6087C/LTC6088C are guaranteed to meet specified
performance from 0°C to 70°C. The LTC6087C/LTC6088C are designed,
characterized and expected to meet specified performance from –40°C to
125ºC but are not tested or QA sampled at these temperatures.
The LTC6087H/LTC6088H are guaranteed to meet specified performance
from –40°C to 125°C.
Note 5: ESD (electrostatic discharge) sensitive device. ESD protection
devices are used extensively internal to the LTC6087/LTC6088; however,
high electrostatic discharge can damage or degrade the device. Use proper
ESD handling precautions.
Note 6: This parameter is not 100% tested.
Note 7: This specification is limited by high speed automated test
capability. See Typical Performance Characteristic curves for actual
performance.
Note 8: Current noise is calculated from:
in = √2qIB,
where q = 1.6 • 10–19 coulombs.


Similar Part No. - LTC6088HGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6088HGN LINEAR-LTC6088HGN Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6088HGN LINEAR-LTC6088HGN Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results

Similar Description - LTC6088HGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com