Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6102HVHDD-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6102HVHDD-PBF
Description  Precision Zero Drift Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6102HVHDD-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6102HVHDD-PBF Datasheet HTML 1Page - Linear Technology LTC6102HVHDD-PBF Datasheet HTML 2Page - Linear Technology LTC6102HVHDD-PBF Datasheet HTML 3Page - Linear Technology LTC6102HVHDD-PBF Datasheet HTML 4Page - Linear Technology LTC6102HVHDD-PBF Datasheet HTML 5Page - Linear Technology LTC6102HVHDD-PBF Datasheet HTML 6Page - Linear Technology LTC6102HVHDD-PBF Datasheet HTML 7Page - Linear Technology LTC6102HVHDD-PBF Datasheet HTML 8Page - Linear Technology LTC6102HVHDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC6102/LTC6102HV
1
6102fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Precision Zero Drift
Current Sense Amplifier
The LTC®6102/LTC6102HV are versatile, high voltage,
high-side current sense amplifiers. Their high supply
voltage rating allows their use in almost any application,
while the low drift and offset ensure accuracy across a
wide range of operating conditions.
The LTC6102/LTC6102HV monitor current via the voltage
across an external sense resistor (shunt resistor). Internal
circuitry converts input voltage to output current, allowing
a small sense signal on a large common mode voltage to
be translated to a ground-referred signal. Low DC offset
allows the use of very low shunt resistor values and large
gain-setting resistors. As a result, power loss in the shunt
is reduced.
The wide operating supply and high accuracy make the
LTC6102/LTC6102HV ideal for a large array of applications
from automotive to industrial and power management. A
maximum input sense voltage of 2V allows a wide range
of currents and voltages to be monitored. Fast response
makes the LTC6102/LTC6102HV the perfect choice for load
current warnings and shutoff protection control.
The LTC6102/LTC6102HV are available in 8-lead MSOP
and 3mm × 3mm DFN packages.
n Supply Range:
4V to 60V, 70V Absolute Maximum (LTC6102)
5V to 100V, 105V Absolute Maximum (LTC6102HV)
n ±10μV Input Offset Maximum
n ±50nV/°C Input Offset Drift Maximum
n Fast Response: 1μs Step Response
n Gain Configurable with Two Resistors
n Low Input Bias Current: 3nA Maximum
n PSRR 130dB Minimum
n Output Currents up to 1mA
n Operating Temperature Range: –40°C to 125°C
n Available in 8-Lead MSOP and 3mm × 3mm
DFN Packages
n Current Shunt Measurement
n Battery Monitoring
n Remote Sensing
n Power Management
n Load Protection
n Motor Control
n Automotive Controls
Dynamic Range vs Maximum Power
Dissipation in RSENSE at 10A
10A Current Sense with 10mA Resolution and 100mW
Maximum Dissipation
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TO μP
6102 TA01
LTC2433-1
LTC6102HV
ROUT
4.99k
RIN
20Ω
VOUT
V+
V
OUT
–INS
–INF
+IN
VSENSE
1mΩ*
ILOAD
5V TO 105V
1μF
0.1μF
5V
L
O
A
D
+
+
VOUT =
• VSENSE = 249.5VSENSE
ROUT
RIN
*PROPER SHUNT SELECTION COULD ALLOW
MONITORING OF CURRENTS IN EXCESS OF 1000A
VREG
MAXIMUM POWER DISSIPATION (W)
0.001
110
100
90
80
70
60
50
40
30
20
0.01
0.1
10
1
6102 TA01b
DYNAMIC RANGE RELATIVE
TO 10μV MINIMUM VSENSE
ISENSE = 10A
RSENSE = 100mΩ
Max VSENSE = 1V
RSENSE = 10μΩ
Max VSENSE = 100μV


Similar Part No. - LTC6102HVHDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102HV LINER-LTC6102HV Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102HV AD-LTC6102HV Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
More results

Similar Description - LTC6102HVHDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com